Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5832LPZAV Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE5832LPZAV
Description  AFE5832LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/√Hz, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5832LPZAV Datasheet(HTML) 1 Page - Texas Instruments

  AFE5832LPZAV Datasheet HTML 1Page - Texas Instruments AFE5832LPZAV Datasheet HTML 2Page - Texas Instruments AFE5832LPZAV Datasheet HTML 3Page - Texas Instruments AFE5832LPZAV Datasheet HTML 4Page - Texas Instruments AFE5832LPZAV Datasheet HTML 5Page - Texas Instruments AFE5832LPZAV Datasheet HTML 6Page - Texas Instruments AFE5832LPZAV Datasheet HTML 7Page - Texas Instruments AFE5832LPZAV Datasheet HTML 8Page - Texas Instruments AFE5832LPZAV Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPI IN
PGA
21 dB to 27 dB
In Step of 3 dB
LNA
15 dB,
18 dB,
21 dB
SPI Logic
16X CLK
LNA IN
16-Phase
Generator
CW Mixer
1X CLK
CW I/Q
OUTPUT
1 of 32 Channels
10-, 12-
Bit
ADC
Reference
DTGC Control
engine
Crosspoint SW
SPI OUT
ATTEN
0 dB to -36 dB
Third-Order LPF
with 10 MHz to
25 MHz Corner
Frequency
Digital
Processing
(Optional)
LVDS
LVDS
OUTPUTS
TGC Control
Signals
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AFE5832LP
SBAS959 – DECEMBER 2018
AFE5832LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/
√Hz, 12-Bit,
40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
1
1 Features
1
•
32-Channel AFE for Ultrasound Applications:
–
LNA, Attenuator, LPF, ADC, and CW Mixer
–
Digital Time Gain Compensation (DTGC)
–
Total Gain Range: 0 dB to 48 dB
•
Low-Noise Amplifier (LNA) With Programmable
Gain:
–
Low Current Noise of 1pA/rtHz
–
Gain: 21 dB, 18 dB, and 15 dB
–
Linear Input Range: up to 700 mVPP
•
Programmable Attenuator (ATTEN):
–
Attenuation Range (Steps of 0.125 dB):
0 to 36 dB
–
Digital TGC Engine
•
Programmable Gain Amplifier (PGA):
–
Gain: 21 dB, 24 dB, and 27 dB
•
Third-Order, Linear-Phase, Low-Pass Filter (LPF):
–
Cut-off Frequency From 10 MHz to 25 MHz
•
16 ADCs Converting at 12-Bit, 80 MSPS or 10-Bit,
100 MSPS:
–
Each ADC Converts Two Sets of Inputs at Half
Rate
–
12-Bit Mode: 72-dBFS SNR
–
10-Bit Mode: 61-dBFS SNR
•
TGC Mode Power :
–
Lowest Power of 18.5 mW/Ch in Low Power
Mode, 4 nV/rtHz, 10-Bit, 20 MSPS, LVDS (2x
rate)
–
27.8 mW/Ch at 3 nV/rtHz in Low Noise Mode
at 12-Bit, 40 MSPS
–
24.4 mW/Ch at 4 nV/rtHz in Low Power Mode
at 12-Bit, 40 MSPS
•
Excellent Device-to-Device Gain Matching:
–
±0.5 dB (Typical)
•
Harmonic Distortion: –55 dBc level
•
Fast and Consistent Overload Recovery
•
Continuous Wave (CW) Path With:
–
Low Close-In Phase Noise of –148 dBc/Hz at
1-kHz Frequency Offset off 5-MHz Carrier
–
Power Consumption With No Signal: 10
mW/Ch
–
Phase Resolution: λ/16
–
12-dB Suppression on Third and Fifth
Harmonics
•
LVDS Interface with a Speed Up to 1-Gbps
•
Small Package: 15-mm × 15-mm NFBGA-289
2 Applications
•
Medical Ultrasound Imaging
•
Nondestructive Evaluation Equipment
•
Sonar Imaging Equipment
•
In-Probe Electronics
3 Description
The AFE5832LP is a highly integrated, analog front-
end (AFE) solution specifically designed for portable
ultrasound systems where high performance, low
power, and small size are required.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AFE5832LP
nFBGA (289)
15.00 mm × 15.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - AFE5832LPZAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE5832LPZAV TI1-AFE5832LPZAV Datasheet
178Kb / 8P
32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
More results

Similar Description - AFE5832LPZAV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE58JD16 TI-AFE58JD16_15 Datasheet
179Kb / 9P
AFE58JD16 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE58JD18 TI-AFE58JD18_15 Datasheet
846Kb / 12P
AFE58JD18 16-Channel, Ultrasound AFE with 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC,Passive CW Mixer, I/Q Demodulator, and LVDS, JESD204B Outputs
AFE5816 TI-AFE5816_15 Datasheet
189Kb / 9P
AFE5816 16-Channel Ultrasound AFE with 90-mW/Channel Power, 1-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC and Passive CW Mixer
AFE5818 TI-AFE5818_15 Datasheet
2Mb / 156P
AFE5818 16-Channel, Ultrasound, Analog Front-End with 140-mW/Channel Power, 0.75-nV/?숰z Noise, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, and Passive CW Mixer
AFE58JD28 TI1-AFE58JD28 Datasheet
148Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, Digital Demodulator, JESD or LVDS Interface, and Passive CW Mixer
AFE5828 TI1-AFE5828 Datasheet
147Kb / 6P
16-Channel Ultrasound AFE with 102-mW/Channel Power, 14-Bit, 65-MSPS or 12-Bit, 80-MSPS ADC, LVDS Interface, and Passive CW Mixer
AFE58JD32 TI1-AFE58JD32 Datasheet
874Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power,12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
AFE5832 TI1-AFE5832 Datasheet
876Kb / 9P
32-Channel Ultrasound AFE With 42-mW/Channel Power, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output, Passive CW Mixer and LVDS Interface
AFE5832LP TI1-AFE5832LP Datasheet
178Kb / 8P
32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer
AFE58JD32LP TI1-AFE58JD32LP Datasheet
212Kb / 6P
AFE58JD32LP 32-Channel Ultrasound AFE With 18.5-mW/Channel Power, 4-nV/?숰z, 12-Bit, 40-MSPS or 10-Bit, 50-MSPS Output and Passive CW Mixer, LVDS and JESD204B Interface, and Digital Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com