Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP0310F-R68M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP0310F-R68M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP0310F-R68M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP0310F-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP0310F-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP0310F-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP0310F-R68M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP0310F Series – Shielded Power Inductors
Soldering Profile
Profile Feature
Pb Free Assembly
Preheat
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time(ts) from Tsmin to Tsmax
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidous temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature
(tp)
<30 seconds
Ramp-Down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to Peak Temperature
8 minutes max.
25
260
Time (Seconds)
REFLOW TIMES: 3 TIMES MAX.
PREHEAT AREA
MAX. RAMP UP RATE = 3 °C/SEC.
MAX. RAMP DOWN RATE = 6 °C/SEC.
Time 25 °C to Peak
8 Minutes Max.
TC -5 °C
200 °C
60~150
Sec.
217
150°C
60~120
Sec.
20~30 Sec.
Inductance vs. IDC
0.60
0.48
0.36
0.24
0.12
0
1.00
0.80
0.60
0.40
0.20
0
0
1.8
3.6
5.4
7.2
9.0
DC Current (A)
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRP0310F-R47M
2.00
1.60
1.20
0.80
0.40
0
0
1
2
3
4
5
DC Current (A)
100
80
60
40
20
0
SRP0310F-1R5M
7.0
5.6
4.2
2.8
1.4
0
0
0.6
1.2
1.8
2.4
3.0
DC Current (A)
100
80
60
40
20
0
SRP0310F-4R7M
14.0
11.2
8.4
5.6
2.8
0
0
0.4
0.8
1.2
1.6
2.0
DC Current (A)
100
80
60
40
20
0
SRP0310F-100M
3.00
2.40
1.80
1.20
0.60
0
0
0.8
1.6
2.4
3.2
4.0
DC Current (A)
100
80
60
40
20
0
SRP0310F-2R2M
4.5
3.6
2.7
1.8
0.9
0
0
0.6
1.2
1.8
2.4
3.0
DC Current (A)
100
80
60
40
20
0
SRP0310F-3R3M
SRP0310F-R68M
1.40
1.12
0.94
0.56
0.28
0
0
1.4
2.8
4.2
5.6
7.0
DC Current (A)
100
80
60
40
20
0
SRP0310F-1R0M
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com