Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP0410F-R56M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP0410F-R56M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP0410F-R56M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP0410F-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRP0410F-R56M Datasheet HTML 2Page - Bourns Electronic Solutions SRP0410F-R56M Datasheet HTML 3Page - Bourns Electronic Solutions SRP0410F-R56M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRP0410F Series - Shielded Power Inductors
Features
n
Shielded construction
n
Low profile
n
Metal alloy powder core
n
High saturation current
n
Low DCR
n
Low buzz noise
n
RoHS compliant* and halogen free**
Applications
n
DC-DC converters
n
Power supplies in consumer, industrial
and telecom electronics
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
General Specifications
Operating Temperature
���������������������������������� -40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
���������������������������������� -40 °C to +125 °C
Temperature Rise
����������40 °C typ� at rated Irms1 (25 °C)
Rated Current
������������� Inductance drops 30 % at Isat
Moisture Sensitivity Level����������������������1
ESD Classification (HBM)������������������N/A
1Circuit design, component, PCB trace size and
thickness, airflow and other cooling provisions
all affect the part temperature� Part temperature
should be verified in the end application�
Materials
Core Material�������������Metal alloy powder
Wire �����������������������������Enameled copper
Terminal������������������������������������ Cu/Ni/Sn
Packaging������ 5000 pcs� per 13-inch reel
Electrical Schematic
Electrical Specifications
Bourns Part No.
Inductance
@ 100 kHz / 1.0 V
Q @
100 kHz
Min.
SRF
(MHz)
Typ.
DCR
(mW)
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH)
Tol. %
Typ.
Max.
SRP0410F-R47M
0�47
±20
5
116
19
22�8
7�5
8�2
SRP0410F-R56M
0�56
100
23
27�6
6�7
7�0
SRP0410F-R68M
0�68
83
25
30
6�0
6�5
SRP0410F-1R0M
1�0
62
33
39�6
5�4
5�5
SRP0410F-1R5M
1�5
55
45
54
4�9
4�8
SRP0410F-2R2M
2�2
36
60
72
3�9
3�9
SRP0410F-3R3M
3�3
29
90
108
3�3
3�3
SRP0410F-4R7M
4�7
27
135
162
2�5
2�8
SRP0410F-6R8M
6�8
20
191
230
2�1
2�1
SRP0410F-100M
10�0
16
298
350
1�7
1�7
How to Order
SRP0410F - R47 M
Model
Inductance Value Code
R47 = 0�47 µH
R56 = 0�56 µH
R68 = 0�68 µH
1R0 = 1�0 µH
1R5 = 1�5 µH
2R2 = 2�2 µH
3R3 = 3�3 µH
4R7 = 4�7 µH
6R8 = 6�8 µH
100 = 10�0 µH
Tolerance Code
M = ±20 %
Product Dimensions
4.0 ± 0.2
(.157 ± .008)
4.1 ± 0.2
(.161 ± .008)
4.3 ± 0.3
(.169 ± .012)
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.8 ± 0.1
(.031 ± .004)
2.0 ± 0.2
(.079 ± .008)
0.8 ± 0.25
(.031 ± .010)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
1.8
(.071)
2.5
(.098)
4.8
(.189)
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine
(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications. The products described herein and this
document are subject to specific legal disclaimers as set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov


Similar Part No. - SRP0410F-R56M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0410-100K BOURNS-SRP0410-100K Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0410-1R0K BOURNS-SRP0410-1R0K Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0410-1R5K BOURNS-SRP0410-1R5K Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0410-2R2K BOURNS-SRP0410-2R2K Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
More results

Similar Description - SRP0410F-R56M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com