Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2129 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCA2129
Description  Automotive accurate RTC with integrated quartz crystal
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2129 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCA2129 Datasheet HTML 35Page - NXP Semiconductors PCA2129 Datasheet HTML 36Page - NXP Semiconductors PCA2129 Datasheet HTML 37Page - NXP Semiconductors PCA2129 Datasheet HTML 38Page - NXP Semiconductors PCA2129 Datasheet HTML 39Page - NXP Semiconductors PCA2129 Datasheet HTML 40Page - NXP Semiconductors PCA2129 Datasheet HTML 41Page - NXP Semiconductors PCA2129 Datasheet HTML 42Page - NXP Semiconductors PCA2129 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
PCA2129
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 19 December 2014
39 of 84
NXP Semiconductors
PCA2129
Automotive accurate RTC with integrated quartz crystal
The following tables show what instruction must be sent to clear the appropriate flag.
[1]
The bits labeled as - have to be rewritten with the previous values.
[1]
The bits labeled as - have to be rewritten with the previous values.
8.11 Timestamp function
The PCA2129 has an active LOW timestamp input pin TS, internally pulled with an
on-chip pull-up resistor to Voper(int). It also has a timestamp detection circuit which can
detect two different events:
1. Input on pin TS is driven to an intermediate level between power supply and ground.
2. Input on pin TS is driven to ground.
The timestamp function is enabled by default after power-on and it can be switched off by
setting the control bit TSOFF (register Timestp_ctl).
Table 54.
Example values in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
101
10000
Table 55.
Example to clear only AF (bit 4)
Register
Bit
7
6
5
4
3
2
1
0
Control_2
1
0
1
0
0
0[1]
0[1]
0
Table 56.
Example to clear only MSF (bit 7)
Register
Bit
7
6
5
4
3
2
1
0
Control_2
0
0
1
1
0
0[1]
0[1]
0
(1) When using switches or push-buttons, it is recommended to connect a 1 nF capacitance to the TS
pin to ensure proper switching.
Fig 19. Timestamp detection with two push-buttons on the TS pin (for example, for
tamper detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com