Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KGL4115F Datasheet(PDF) 2 Page - OKI electronic componets

Part # KGL4115F
Description  10 Gbps EA Modulator Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGL4115F Datasheet(HTML) 2 Page - OKI electronic componets

  KGL4115F Datasheet HTML 1Page - OKI electronic componets KGL4115F Datasheet HTML 2Page - OKI electronic componets KGL4115F Datasheet HTML 3Page - OKI electronic componets KGL4115F Datasheet HTML 4Page - OKI electronic componets KGL4115F Datasheet HTML 5Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PEDW4115F-01
1Electronic Components
KGL4115F
2/5
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Current
Iss
including bias
current = 20 mA
285
mA
Voltage Offset
Vo (ofs)
50
Ω load, bias
current = 20 mA
-1
0
V
Input Amplitude
Vin
0.5
1
Vpp
Output Amplitude (Max)
Vo (Max)
50
Ω load
2.7
Vpp
Output Low Voltage (Min)
V (LO)
50
Ω load
-3
V
Output High Voltage (Min)
V (HI)
50
Ω load
-1
V
X-Point Control
Xp
NRZ, 50
Ω load
20
80
%
X-Point Stability
Del (Xp)
0–70°C
50
Ω load
10
%
Output Rise/Fall Time
Tr/Tf
50
Ω load
20%/80%
40
ps
Input Return Loss
S11
100 kHz–10 GHz
15
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com