Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400DT Datasheet(PDF) 47 Page - STMicroelectronics

Part # M29W400DT
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M29W400DT Datasheet HTML 40Page - STMicroelectronics M29W400DT Datasheet HTML 41Page - STMicroelectronics M29W400DT Datasheet HTML 42Page - STMicroelectronics M29W400DT Datasheet HTML 43Page - STMicroelectronics M29W400DT Datasheet HTML 44Page - STMicroelectronics M29W400DT Datasheet HTML 45Page - STMicroelectronics M29W400DT Datasheet HTML 46Page - STMicroelectronics M29W400DT Datasheet HTML 47Page - STMicroelectronics M29W400DT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
M29W400DT, M29W400DB
Revision history
47/48
10
Revision history
Table 24.
Document revision history
Date
Revision
Changes
26-Jul-2002
01
Initial release
19-Feb-2003
2.0
Revision numbering modified: a minor revision will be indicated by
incrementing the digit after the dot, and a major revision, by incrementing
the digit before the dot (revision version 01 equals 1.0). Revision history
moved to end of document.
Typical after 100k W/E cycles column removed from Table 4: Program,
Erase times and Program, Erase endurance cycles, Data retention and
Erase Suspend latency time parameters added. Common Flash
interface removed from datasheet.
Lead-free package options E and F added to Table 20: Ordering
information scheme.
Document promoted from Product Preview to Preliminary Data status.
28-May-2003
2.1
tWLWH and tELEH parameters modified for all speed classes in Table 13:
Write AC characteristics, Write Enable controlled and Table 14: Write AC
characteristics, Chip Enable controlled. Minor text changes. TSOP48
package updated (Figure 16 and Table 17).
30-Sep-2003
2.2
Document status changed to Full datasheet. TFBGA48 6 x 8 package
added.
TLEAD parameter added in Table 8: Absolute maximum ratings.
6-Oct-2003
2.3
tGLQV modified in Table 12: Read AC characteristics.
16-Jan-2004
3
RB pin description corrected in Table : .
8-Jun-2004
4
Tape and Reel option updated in Table 20: Ordering information scheme.
Lead-free packaging promotion updated in Section 1: Description,
Section 6: Maximum rating and Section 9: Part numbering.
07-Aug-2007
5
ECOPACK® text added in Section 1: Description.
Updated options E and F in Table 20: Ordering information scheme.
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com