Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8HT Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 8HT
Description  8HT & 9HT SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

8HT Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  8HT Datasheet HTML 1Page - Sensata Technologies, Inc. 8HT Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| 8HT & 9HT SERIES
Features
Introduction
• Energy saving self-regulating PTC heaters - no thermostat required
• Multi voltage capability / 240-600 Vac
• Solid state reliability
• Allows higher compressor E.E.R.’s
• Output increases as ambient decreases
• Self compensates for voltage variations
• PTC element for long life
• UL tested for:
- Temperature
- Aging/Endurance
- Humidity
- Stability
The in-well design provides excellent thermal coupling to the crankcase oil, minimizing heat loss to the environment. The multi voltage capability
eliminates the costly need for inventorying additional heaters.
Self-regulating PTC provides for power reduction with temperature rise, without the need for switch controls or thermostats.
All crankcase heaters are manufactured under statistical process control and are 100% tested at 125% of rated voltage for conformance to specifications.
The 8HT and 9HT series crankcase heaters are multi-voltage, in-well PTC devices. They are designed to eliminate compressor damage resulting from
freon mixing with oil by creating a temperature dierential between the oil and migrating freon.
Dimensions in mm [Inch]
DIMENSIONS
8HT/9HT Typical Power Output vs. Oil Temperature Curves
8HT, 9HT, Series


Similar Description - 8HT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com