Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASLS-1020 Datasheet(PDF) 1 Page - Comus International

Part # ASLS-1020
Description  Resistant to Severe Environmental Conditions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

ASLS-1020 Datasheet(HTML) 1 Page - Comus International

  ASLS-1020 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Drawings not to scale.
All dimensions in inches (mm) nominal.
Part Number: ASLS-1020
Shock / Acceleration Switch
Product Data Sheet
PICTURE
OPERATION
FEATURES
DIMENSIONS
• Resistant to Severe Environmental Conditions
• Case Material Steel-Gold Plated
• Hermetically Sealed & Inert Gas Filled
Contact Form / Style
Normally Open
Contact Capacity
24 VDC MAX, 0.25 A MAX, 5 VA. MAX
Contact Resistance
10 Ω MAX
Operating Temperature
-20˚ +85˚C
Storage Temperature
-25˚ +90˚C
Activation Level
10 - 19.9 G
SPECIFICATION
Ø 0.181
(Ø 4.6) MAX
0.268 (6.8)
0.709 (18.0) MAX
Ø 0.020
(Ø 0.5)
0.114 (2.92)
ACCELERATE THIS
DIRECTION TO
CLOSE CONTACTS
WORKING POSITION
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Italy: +39 347 6429017 - Netherlands: +31(0)45 54 39 345
©2025 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev.0 - 3 / 2025 - BR
Group


Similar Part No. - ASLS-1020

ManufacturerPart #DatasheetDescription
logo
Comus International
ASLS-10 COMUS-ASLS-10 Datasheet
579Kb / 1P
Shock / Acceleration Switch
More results

Similar Description - ASLS-1020

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT9-12S-2.54DSA HIROSE-GT9-12S-2.54DSA Datasheet
146Kb / 5P
Developed for Equipment Exposed to Harsh Environmental Conditions
logo
Glenair, Inc.
189HS016NF1105-3B GLENAIR-189HS016NF1105-3B Datasheet
224Kb / 2P
Backshell with Banding Strain Relief Environmental Resistant
logo
List of Unclassifed Man...
RG1005P-123 ETC2-RG1005P-123 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1608N-4531 ETC2-RG1608N-4531 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1608P-204 ETC2-RG1608P-204 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
logo
SynQor Worldwide Headqu...
PQ60010EGL20 SYNQOR-PQ60010EGL20 Datasheet
534Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60015EGL20 SYNQOR-PQ60015EGL20 Datasheet
599Kb / 13P
Thermal shutdown protects converter from abnormal environmental conditions
PQ60150EKXXX SYNQOR-PQ60150EKXXX Datasheet
844Kb / 15P
Thermal shutdown protects converter from abnormal environmental conditions
logo
Kemet Corporation
F862BC104M310C KEMET-F862BC104M310C Datasheet
928Kb / 2P
F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
logo
Amphenol Industrial Pro...
67-06E AIO-67-06E Datasheet
1Mb / 10P
Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com