Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC6830R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # AC6830R
Description  AC6830R Series – Air Coil Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

AC6830R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  AC6830R Datasheet HTML 1Page - Bourns Electronic Solutions AC6830R Datasheet HTML 2Page - Bourns Electronic Solutions AC6830R Datasheet HTML 3Page - Bourns Electronic Solutions AC6830R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC6830R Series – Air Coil Inductors
Product Dimensions
90 °
TINNED
LENGTH
0 °
30 °
0.58 ± 0.38
(.023 ± .015)
5.84 ± 0.25
(.230 ± .010)
3.05
(.120)
MAX.
3.18
(.125)
MAX.
0 °
± 5 °
6.86
(.270)
MAX.
End View
Side View
Bottom View
DIMENSIONS:
MM
(INCHES)
Recommended Layout
DIMENSIONS:
MM
(INCHES)
How to Order
AC6830R - 17N __
Model
Value Code
(See Table)
Tolerance
G = ±2 %
J = ±5 %
1.27
(.050)
2.79
(.110)
3.30
(.130)
4.7
(.185)
7.24
(.285)
Inductance vs. IDC
200
150
100
50
0
10
FREQUENCY (MHz)
100
10000
1000
43N
35N
28N
22N
17N
160
140
120
100
80
60
100
FREQUENCY (MHz)
1000
17N
22N
28N
35N
43N
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com