Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4 Datasheet(PDF) 4 Page - HellermannTyton.

Part # MB4
Description  Cable Ties and Fixings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

MB4 Datasheet(HTML) 4 Page - HellermannTyton.

  MB4 Datasheet HTML 1Page - HellermannTyton. MB4 Datasheet HTML 2Page - HellermannTyton. MB4 Datasheet HTML 3Page - HellermannTyton. MB4 Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.7
129
Further information at www.HellermannTyton.com/fixings
Information and installation instructions
for self-adhesive mounting bases
Cable Ties and Fixings
Technical Information
HellermannTyton uses different types of adhesives for self-adhesive
bases: acrylate and synthetic rubber. These differ in the operating
temperature range and the 'pull off' force of the adhesive. Synthetic
rubber has an excellent initial grip, allowing for almost immediate use.
Acrylate adhesive has less initial grip, so there is a need to wait for a few
hours before use, but has a higher 'pull off' force than synthetic rubber.
This enables a permanent fixing lasting months or even years. To use
these adhesives the surface must be dry, and free of dust, oil, oxides,
parting agents and other impurities. For this the use of isopropane /
water (50/50) is recommended. After cleaning allow the surface to dry
completely. Peel off the protective backing on the self-adhesive base,
ensuring the adhesive is not touched. Apply the part to the surface and
press down firmly for several seconds.
Instructions for use
1. The surface must be dry, free from
dust, oil, oxides, parting agents and
other impurities. The surface to be
glued should be cleaned using a
clean cloth and isopropanol / water
(50/50). When using other appropriate
cleaning agents, ensure that they do
not attack the surface nor leave any
residues.
2. After cleaning allow the surface to
air-dry completely.
ADHESIVE
Adhesive
Operating
Temperature
Synthetic rubber
with base of
polyethylene foam
Synthetic rubber T50
-20 °C to +50 °C
Synthetic rubber T60
-40 °C to +60 °C
Acrylate with base of
polyurethane foam
Acrylate
to +105 °C
Acrylate with base of
acrylic foam
mod. Acrylate
-40 °C to +90 °C
3. Peel off protective backing and ensure
the adhesive area is not touched.
4. Press down firmly on the base with
the thumbs for several seconds.
5. Depending on the type of adhesive,
wait for several minutes (synthetic
rubber) or hours (acrylate) so that the
adhesive can bond completely with
the surface.
We will be happy to send
you on request an up-to-
date technical datasheet for
whichever adhesive you are using.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com