Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4BC40F Datasheet(PDF) 13 Page - International Rectifier

Part # IRG4BC40F
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC40F Datasheet(HTML) 13 Page - International Rectifier

Back Button IRG4BC40F Datasheet HTML 9Page - International Rectifier IRG4BC40F Datasheet HTML 10Page - International Rectifier IRG4BC40F Datasheet HTML 11Page - International Rectifier IRG4BC40F Datasheet HTML 12Page - International Rectifier IRG4BC40F Datasheet HTML 13Page - International Rectifier IRG4BC40F Datasheet HTML 14Page - International Rectifier IRG4BC40F Datasheet HTML 15Page - International Rectifier IRG4BC40F Datasheet HTML 16Page - International Rectifier IRG4BC40F Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
HIGH TEMPERATURE GATE BIAS (HTGB)
Junction Temperature:
Tj = as specified below
Vc = Ve = 0V
Vg = as specified
N Channel
LOW FREQUENCY ( Standard )
FAILURE RATE @
DEVICE
TEMP
GATE
ACTUAL
FAILURES
DEV-HRS
TYPE
BIAS
TEST
TIME
#
FITs
(deg C)
(hours)
(note b)
IRGBC20S
9544
20
20
0
2.46E+05
IRGBC40S
9605
20
20
0
2.46E+05
TOTALS
40
0
4.92E+05
N Channel
MID FREQUENCY ( Fast )
EQUIVALENT FAILURE RATE @
DATE
TEMP
QTY
ACTUAL
DEV-HRS
90°C & 60% UCL
TYPE
BIAS
@ 90°C
TIME
MODE
FITs
(V)
(hours)
(note a)
IRGBC30F
150
20
2008 0
3722
IRGBC30FD2
150
20
2095 0
3567
IRGBC30FD2
150
20
2007 0
3724
IRGBF30F
150
20
2008 0
3722
TOTALS
8118 0
921
NOTES
b.
FAILURE MODES:
I
Quarterly Reliability Report



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com