Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L79L12ABUTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L79L12ABUTR
Description  Negative voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12ABUTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L79L12ABUTR Datasheet HTML 14Page - STMicroelectronics L79L12ABUTR Datasheet HTML 15Page - STMicroelectronics L79L12ABUTR Datasheet HTML 16Page - STMicroelectronics L79L12ABUTR Datasheet HTML 17Page - STMicroelectronics L79L12ABUTR Datasheet HTML 18Page - STMicroelectronics L79L12ABUTR Datasheet HTML 19Page - STMicroelectronics L79L12ABUTR Datasheet HTML 20Page - STMicroelectronics L79L12ABUTR Datasheet HTML 21Page - STMicroelectronics L79L12ABUTR Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Order codes
L79LxxAB - L79LxxAC - L79LxxC
20/22
6
Order codes
Table 16.
Order codes
Packaging
Output voltage
SO-8
TO92 (BAG) (1)
1.
Available in Ammopak with the suffix "-AP" or in Tape & Reel with the suffix "TR". Please note that in these cases pins are
shaped according to Tape & Reel specifications.
SOT-89
L79L05ACD13TR
L79L05ACZ
L79L05ACUTR
-5 V
L79L05ABD13TR
L79L05ABZ
L79L05ABUTR
-5 V
L79L06CD13TR (2)
2.
Available on request.
-6 V
L79L06ACD13TR
L79L06ACZ
L79L06ACUTR
-6 V
L79L06ABD13TR (2)
L79L06ABZ
L79L06ABUTR
-6 V
L79L08CD13TR (2)
-8 V
L79L08ACD13TR
L79L08ACZ
L79L08ACUTR (2)
-8 V
L79L08ABD13TR (2)
L79L08ABZ (2)
L79L08ABUTR (2)
-8 V
L79L09CD13TR (2)
-9 V
L79L09ACD13TR (2)
L79L09ACZ
L79L09ACUTR
-9 V
L79L09ABD13TR (2)
L79L09ABZ (2)
L79L09ABUTR (2)
-9 V
L79L12CD13TR (2)
-12 V
L79L12ACD13TR
L79L12ACZ
L79L12ACUTR
-12 V
L79L12ABD13TR (2)
L79L12ABZ (2)
L79L12ABUTR (2)
-12 V
L79L15CD13TR (2)
-15 V
L79L15ACD13TR
L79L15ACZ
L79L15ACUTR
-15 V
L79L15ABD13TR
L79L15ABZ (2)
-15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com