Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPL42002
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPL42002_V01 Datasheet HTML 11Page - Analog Devices ADPL42002_V01 Datasheet HTML 12Page - Analog Devices ADPL42002_V01 Datasheet HTML 13Page - Analog Devices ADPL42002_V01 Datasheet HTML 14Page - Analog Devices ADPL42002_V01 Datasheet HTML 15Page - Analog Devices ADPL42002_V01 Datasheet HTML 16Page - Analog Devices ADPL42002_V01 Datasheet HTML 17Page - Analog Devices ADPL42002_V01 Datasheet HTML 18Page - Analog Devices ADPL42002_V01 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
15 of 22
Figure 28. Typical VOUT Response to EN Pin Operation
The upper and lower thresholds are user-programmable and can be set higher than the nominal 1.2V threshold by
using two resistors. The resistance values, REN1 and REN2, can be determined from the following:
REN2 = nominally 10kΩ to 100kΩ
(5)
REN1 = REN2 × (VIN − 1.2V)/1.2V
(6)
Where VIN is the desired turn-on voltage.
The hysteresis voltage increases by the factor (REN1 + REN2)/REN2. For the example shown in Figure 29, the enable
threshold is 3.6V with a hysteresis of 300mV.
Figure 29. Typical EN Pin Voltage Divider
Figure 28 shows the typical hysteresis of the EN pin. This prevents on/off oscillations that can occur due to noise on
the EN pin as it passes through the threshold points.
VEN (V)
1.30
1.25
1.20
1.15
1.10
1.05
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
–40°C
+25°C
+125°C
VOUT
SENSE/ADJ
VIN
ADPL42002
GND
CIN
2.2µF
COUT
2.2µF
EN
OFF
ON
VIN = 8V
VOUT = 6V
R1
2kΩ
R2
10kΩ
REN1
200kΩ
REN2
100kΩ
SS
CSS
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com