Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ACPZN2.5-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADPL42002ACPZN2.5-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ACPZN2.5-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPL42002ACPZN2.5-R7 Datasheet HTML 14Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 15Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 16Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 17Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 18Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 19Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 20Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 21Page - Analog Devices ADPL42002ACPZN2.5-R7 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
21 of 22
ORDERING GUIDE
Table 6. Ordering Guide
MODEL1
TEMPERATURE
RANGE
OUTPUT
VOLTAGE (V)2
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
CODE
ADPL42002ACPZN-R7
−40°C to +125°C
Adjustable (1.2 V) 6-Lead LFCSP
CP-6-3
LXW
ADPL42002ACPZN1.8-R7 −40°C to +125°C
1.8
6-Lead LFCSP
CP-6-3
LXS
ADPL42002ACPZN2.5-R7 −40°C to +125°C
2.5
6-Lead LFCSP
CP-6-3
LXT
ADPL42002ACPZN3.3-R7 −40°C to +125°C
3.3
6-Lead LFCSP
CP-6-3
LXU
ADPL42002ACPZN5.0-R7 −40°C to +125°C
5
6-Lead LFCSP
CP-6-3
LXV
ADPL42002ARDZ-R7
−40°C to +125°C
Adjustable (1.2 V) 8-Lead SOIC_N_EP
RD-8-1
42002
ADPL42002ARDZ-1.8-R7 −40°C to +125°C
1.8
8-Lead SOIC_N_EP
RD-8-1
200218
ADPL42002ARDZ-2.5-R7 −40°C to +125°C
2.5
8-Lead SOIC_N_EP
RD-8-1
200225
ADPL42002ARDZ-3.3-R7 −40°C to +125°C
3.3
8-Lead SOIC_N_EP
RD-8-1
200233
ADPL42002ARDZ-5.0-R7 −40°C to +125°C
5
8-Lead SOIC_N_EP
RD-8-1
420025
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
Table 7. Output Voltage Options
MODEL1
OUTPUT VOLTAGE (V)2
ADPL42002ACPZN-R7
Adjustable
ADPL42002ACPZN1.8-R7
1.8
ADPL42002ACPZN2.5-R7
2.5
ADPL42002ACPZN3.3-R7
3.3
ADPL42002ACPZN5.0-R7
5.0
ADPL42002ARDZ-R7
Adjustable
ADPL42002ARDZ-1.8-R7
1.8
ADPL42002ARDZ-2.5-R7
2.5
ADPL42002ARDZ-3.3-R7
3.3
ADPL42002ARDZ-5.0-R7
5.0
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
Table 8. Evaluation Boards
MODEL1
PACKAGE DESCRIPTION
EVAL-ADPL42002CP-AZ
LFCSP Evaluation Board
EVAL-ADPL42002RD-AZ
SOIC Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com