Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42002ARDZ-2.5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADPL42002ARDZ-2.5-R7
Description  20V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42002ARDZ-2.5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADPL42002ARDZ-2.5-R7 Datasheet HTML 1Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 2Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 3Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 4Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 5Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 6Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 7Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 8Page - Analog Devices ADPL42002ARDZ-2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADPL42002
analog.com
Rev. 1
5 of 22
(VIN = VOUT + 1V or 2.7V, whichever is greater, VOUT = 5V, EN = VIN, IOUT = 10mA, CIN = COUT = 2.2µF, CSS = open, TA = 25°C
for typical specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Noise
OUTNOISE
10Hz to 100kHz, all
output voltage options
20
µVRMS
Power Supply Rejection
Ratio
PSRR
1MHz, VIN = 7V, VOUT = 5V
40
dB
100kHz, VIN = 7V, VOUT = 5V
58
dB
10kHz, VIN = 7V, VOUT = 5V
78
dB
1
Based on an endpoint calculation using 100μA and 200mA loads. See Figure 6 for typical load regulation
performance for loads less than 1mA.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the
nominal output voltage. Dropout applies only for output voltages above 2.7V.
3
Start-up time is defined as the time between the rising edge of EN to OUT being at 90% of the nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified
typical value. For example, the current limit for a 5.0V output voltage is defined as the current that causes the
output voltage to drop to 90% of 5.0V or 4.5V.
Table 2. Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT AND OUTPUT CAPACITANCE
Minimum Capacitance1
CMIN
TA = −40°C to +125°C
1.5
µF
Capacitor Effective Series
Resistance (ESR)
RESR
TA = −40°C to +125°C
0.001
0.3
Ω
1
The minimum input and output capacitance must be greater than 1.5μF over the full range of operating
conditions. The full range of operating conditions in the application must be considered during device
selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended, while Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com