Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6780S-CSL Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices ADRF6780S-CSL Datasheet HTML 10Page - Analog Devices ADRF6780S-CSL Datasheet HTML 11Page - Analog Devices ADRF6780S-CSL Datasheet HTML 12Page - Analog Devices ADRF6780S-CSL Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF6780S-CSL
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 13
Table 8. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
28, 30
LOIN, LOIP
LO Inputs. These inputs are 100 Ω differential inputs for the LO path. The LO input frequency range is 5.4 GHz to 14 GHz. The on-chip
LO frequency doubler can be enabled via a SPI command.
32
ALM
Alarm. The ALM pin indicates the internal alarm conditions. The ALM pin is logic low when an alarm condition is detected.
EP
Exposed Pad. Solder the exposed pad to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com