Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3MP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 3MP
Description  SELF-HOLD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

3MP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  3MP Datasheet HTML 1Page - Sensata Technologies, Inc. 3MP Datasheet HTML 2Page - Sensata Technologies, Inc. 3MP Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
3MP SELF-HOLD
MOTOR PROTECTOR
Design & Operating Principles
Applications
Recent history has seen a growing demand for a non-self resetting motor protection device to ensure a high level of safety. Sensata Technologies has
developed the self hold motor protector for both 120 & 250 Vac applications in a wide current range.
The 3MP self hold is used in domestic and industrial electric motors for washers, vacuum cleaners, chain saws, trimmers, lawn mowers and pumps in the 120
and 250 Vac applications.
The heart of the 3MP self hold consists of the pre-set Klixon® snap action bimetallic disc welded into a metal housing with integrated terminal. The
housing is covered by the plate on which a heater can be welded to increase the current sensitivity of the device. A PTC pill is mounted on top of the
metal housing by a clip to meet the requirements for self hold.The combination of a variety of standard terminal configurations and carefully select-
ed materials provides easy handling and mounting. Customized terminal configura-tions are available on request. Wires includ-ing connectors can be
automatically attached to the standard crimp terminals. Sensata Technologies supplies a range of standard leads configurations; customized solutions
are available on request. In construction where the 3MP self hold device is contacting conductive parts of the motor assembly, Sensata Technologies
can deliver the self hold devices with a Mylar™ insulation sleeve. Customized coding and coloring is an option on request.
The operating principle of the 3MP self hold is both simple and effective. The protector is actuated by current passing through it and by the heat
received from surrounding parts.
Standard operating temperature range
from 80°C - 170°C (Increments 5K)
Tolerance on open temperature
± 8K
Peak Temperature (5 Min)
200°C
Ambient Temperature to Guarantee
Stable Self Hold function
0°C
Max. Ambient Temperature
T-Open +20°C
Time Check at T-Ambient 25°C
4 to 10 Seconds Depending on Current Level
Contact Rating
18 A @ cos 0.6 / 250Vac / 300 cycles
SPECIFICATIONS
The electrical circuit is interrupted when the disc reaches its pre-set open
temperature. Due to the heat supply from the PTC pill, the bimetal disc
does not cool down below the close temperature. The contacts will remain
open untill the appliance is switched off by the user, assuring a higher level
of safety. The self-hold condition immediately after the first trip cannot
be guaranteed by the protector itself. This depends on the application in
combination with the selected 3MP self-hold and must be checked during
application verification tests. (same as for winding temperatures). When
switched off the device cools down to a safe temperature again and the
contacts will automatically reset. The bimetal disc provides excellent
thermal and current sensitivity in overload situation. Under locked rotor
conditions the integrated heater in combination with the bimetal disc
provide very accurate trip times for maximum protection.


Similar Part No. - 3MP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
3MP SENSATA-3MP Datasheet
293Kb / 5P
Motor Protector / Thermal Cut-Out
3MP-SELF-HOLD SENSATA-3MP-SELF-HOLD Datasheet
307Kb / 3P
MOTOR PROTECTOR
More results

Similar Description - 3MP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC12451 NSC-ADC12451 Datasheet
311Kb / 18P
Dynamically-Tested Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Alcoa international inc...
99-3220 ALCOA-99-3220 Datasheet
105Kb / 2P
Non-self-releasing; Self-ejecting
99-1000 ALCOA-99-1000 Datasheet
150Kb / 2P
Non Self-releasing, Self-ejecting
99-999 ALCOA-99-999 Datasheet
162Kb / 2P
Non Self-releasing; Self-ejecting
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com