Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7AM Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 7AM
Description  LIGHTING, ELECTRICAL, THERMAL, BATTERY, MOTOR PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

7AM Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  7AM Datasheet HTML 1Page - Sensata Technologies, Inc. 7AM Datasheet HTML 2Page - Sensata Technologies, Inc. 7AM Datasheet HTML 3Page - Sensata Technologies, Inc. 7AM Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2024 Sensata Technologies, Inc.
PERFORMANCE CHARACTERISTICS
MAXIMUM CONTACT RATINGS (10,000 CYCLES)
ULTIMATE TRIP CURRENT VS. DELTA TEMPERATURE
Rated Voltage
125 Vac / 250 Vac
Dimensions
20.2 x 10.8 x 4.9 mm (including terminals)
Life
10,000 cycles / 8 A / 250 Vac (see approvals sheets)
Maximum Contact Ratings
@ 10K cycles
16 VDC at 20 amps
120 VAC at 22 amps
277 VAC at 8 amps
Open Temperature
70°C to 175°C in increments of 5°C
Temperature Tolerance
±5°C
Differential Temperature
19°C to 54°C, depending on open temperature
Seal
High-seal and low-seal gasket material available
Maximum Ambient Temperature
Continuous: open-temperature +10°C
Overshoot: 5 minutes at 200°C
Vibration
Military standard 202F, Method 204D, Test Condition D (20g peak)
Corrosion Resistance
48 hours at 35°C in 5% salt environment (ASTM B117)
Humidity
95% relative humidity, 40°C: 2 days
Thermal Shock
-20°C / +150°C, each for 30 minutes / 5 cycles
Voltage
Current
16 VDC
20 amperes
120 VAC
22 amperes
277 VAC
8 amperes
Approximation, to be used only for selecting samples for verification tests.
Note: Delta T is the difference between the zero current calibrated opening temperature (Tcal) and ambient temperature (Tambient) at the protector location.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com