Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9852-R5K-L2.0 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 9852-R5K-L2.0
Description  ROTARY POSITION SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

9852-R5K-L2.0 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  9852-R5K-L2.0 Datasheet HTML 1Page - Sensata Technologies, Inc. 9852-R5K-L2.0 Datasheet HTML 2Page - Sensata Technologies, Inc. 9852-R5K-L2.0 Datasheet HTML 3Page - Sensata Technologies, Inc. 9852-R5K-L2.0 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
9850 |GEN II SERIES
ROTARY POSITION SENSOR
SPECIFICATIONS
Features
Introduction
Electrical
• Dual-output offers the added functionality of two sensors in a single
sensor
• Sealed integral interface accepts industry-standard Packard Electric
METRI-Pack™ connectors
• Low-profile design answers space-conscious applications
• Additional mechanical rotation angles available
The 9850 Gen II Series offers a highly reliable rotary potentiometer sensor module that can be easily integrated into a wide variety of space-conscious
applications requiring installation simplicity, long service life and repeatable accuracy. The 9850 Gen II Series introduces a new, lower profile (15.2mm;
maximum connector receptacle height 25.9mm), designed to perform in demanding environments.
Manufactured for optimal cost-economies, the 9850 Gen II Series offers simple yet durable design strengths that can lead to significant systems
costs savings. Plug-in simplicity and sealed connector contact is assured via an integral right-angle connector receptacle designed to accept industry-
standard Packard Electric METRI-Pack™ connectors. This design also eliminates weak/stress points and leaks in exposure to water.
Twelve standard models offer a choice of 180° or 120° mechanical rotation with round or slotted mounting holes for optimal installation alignment.
Active Electrical Rotation
85° or 130° Single Output (See Fig. 1)
85° Dual Output
Total Resistance
5,000 ohms ±20%
Linearity
Std. ±2.0% over active electrical rotation (See Fig. 1)
(Independent) Spec. ±0.5% over active electrical rotation
Power Rating At 70°C
0.15 Watts


Similar Part No. - 9852-R5K-L2.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9852-03-00 ETC-9852-03-00 Datasheet
96Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9852-03-00 COTO-9852-03-00 Datasheet
366Kb / 2P
Surface Mount Reed Relays
logo
List of Unclassifed Man...
9852-03-10 ETC-9852-03-10 Datasheet
96Kb / 2P
Surface Mount Reed Relays
logo
Coto Technology
9852-03-10 COTO-9852-03-10 Datasheet
366Kb / 2P
Surface Mount Reed Relays
logo
List of Unclassifed Man...
9852-03-20 ETC-9852-03-20 Datasheet
96Kb / 2P
Surface Mount Reed Relays
More results

Similar Description - 9852-R5K-L2.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
Rotary Position Sensor IC
logo
Asahi Kasei Microsystem...
AK7401 AKM-AK7401 Datasheet
901Kb / 29P
Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
Rotary Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
Rotary Position Sensor IC
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
Rotary Position Sensor
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_17 Datasheet
889Kb / 48P
Rotary Position Sensor IC
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
Absolute Rotary Position Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com