Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9856-R5K-L2.0 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # 9856-R5K-L2.0
Description  ROTARY POSITION SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

9856-R5K-L2.0 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  9856-R5K-L2.0 Datasheet HTML 1Page - Sensata Technologies, Inc. 9856-R5K-L2.0 Datasheet HTML 2Page - Sensata Technologies, Inc. 9856-R5K-L2.0 Datasheet HTML 3Page - Sensata Technologies, Inc. 9856-R5K-L2.0 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
INTEGRATES PROPRIETARY THICK FILM
ELEMENT & PRECIOUS METAL CONTACT TECHNOLOGY
WITH MAXIMUM PACKAGING FLEXIBILITY
Mechanical
Environmental
Mechanical Rotation (Nominal)
120°-180° single; 120° dual (See Table A)
Shaft Rotation/Direction
(See Table A)
Mechanical Life
1,000,000 full cycles
5,000,000 dither cycles
Stop Strength
0.68 Nm max.
Torque
0.11 Nm max
Mounting Torque
1.35 Nm max.
Temperature Limits
-40°C to +125°C
Vibration
15 Gs, 50 to 1,000 Hz
Humidity
95% @ 40°C
Shock
50 Gs max.
3-Pin (Single Output)
6-Pin (Dual Output)
CW/CCWModels
available in both
Single & Dual Outputs
(Dual in 120° only)
CW (clockwise)
120°
120°
180°
180°
CCW (counter c lockwise)
STAR T
STAR T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com