Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS40C Datasheet(PDF) 3 Page - YAGEO Corporation

Part # ATS40C
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS40C Datasheet(HTML) 3 Page - YAGEO Corporation

  ATS40C Datasheet HTML 1Page - YAGEO Corporation ATS40C Datasheet HTML 2Page - YAGEO Corporation ATS40C Datasheet HTML 3Page - YAGEO Corporation ATS40C Datasheet HTML 4Page - YAGEO Corporation ATS40C Datasheet HTML 5Page - YAGEO Corporation ATS40C Datasheet HTML 6Page - YAGEO Corporation ATS40C Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
7
Product Specification
ATS-2CF
Transient Voltage Suppressors
Circuit Protection
www.yageo.com
Jul. 05, 2023 V.3
Dimensions (P600)
DIA.
DIA.
T
L
L
d
s
Symbol
Millimeters
Inches
Min.
Max.
Min.
Max.
L
25.40
-
1.000
-
T
8.60
9.10
0.340
0.360
d
8.60
9.10
0.340
0.360
s
1.19
1.32
0.047
0.052
Electrical Characteristics (TA=25℃)
Part Number
Type
①
Breakdown Voltage
@IT
Test
Current
Reverse
Stand-Off
Voltage
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Unidirectional
Bidirectional
VBR MIN.(V)
VBR MAX.(V)
IT (mA)
VRWM (V)
IR
(μA)
VC(V)
IPP(A)
ATS22A
ATS22C
2CF
24.2
26.9
5
22
1.8
35.5
287
ATS24A
ATS24C
2CF
26.7
29.6
5
24
1.8
39
257
ATS26A
ATS26C
2CF
28.9
32
5
26
1.8
42.1
237
ATS28A
ATS28C
2CF
31.1
34.5
5
28
1.8
45.4
220
ATS30A
ATS30C
2CF
33
38
5
30
1.8
50
250
ATS33A
ATS33C
2CF
36.7
40.6
5
33
1.8
53
190
ATS36A
ATS36C
2CF
40
44.2
5
36
1.8
58.1
174
ATS40A
ATS40C
2CF
44.4
49.1
5
40
1.8
64.5
155
Part Number
Type
①
Suitable ISO 7637-2 2004 5a test waveform
Maximum
Clamping
Voltage
Voltage level
Resistance Level
Unidirectional
Bidirectional
Vc(V)
87V
400mS
174V
350mS
DC(V)
0.5Ω
1Ω
2Ω
3Ω
4Ω
8Ω
ATS22A
ATS22C
2CF
35.5
×
--
13.5
--
×
×
×
×
×
ATS24A
ATS24C
2CF
39
×
--
13.5
--
×
×
×
×
×
ATS26A
ATS26C
2CF
42.1
×
--
27
--
--
--
--
×
×
ATS28A
ATS28C
2CF
45.4
×
--
27
--
--
--
--
×
×
ATS30A
ATS30C
2CF
50
--
×
28
--
--
--
--
×
×
ATS33A
ATS33C
2CF
53
--
×
28
--
--
--
--
×
×
ATS36A
ATS36C
2CF
58.1
--
×
28
--
--
--
--
×
×
ATS40A
ATS40C
2CF
64.5
--
×
28
--
--
--
--
×
×
Note:
‘x’ representatives meets this test condition;



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com