Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803261 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803261
Description  EML-EX (10X4)R CUS - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803261 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803261 Datasheet HTML 1Page - PHOENIX CONTACT 0803261 Datasheet HTML 2Page - PHOENIX CONTACT 0803261 Datasheet HTML 3Page - PHOENIX CONTACT 0803261 Datasheet HTML 4Page - PHOENIX CONTACT 0803261 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled device marker
Marking
Number of individual labels per row
8
Identification technology
Thermal transfer for rolls
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
> -40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
23 °C / 50% relative humidity. Storage in the original packaging
is recommended prior to processing.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 - 3 years
Mounting
Mounting type
adhesive
Material specifications
RoHS compliant
yes
Foil strength
50 µm
Adhesive strength
46 µm
Adhesive
Acrylic
Color
white (RAL 9010)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
EML-EX (10X4)R CUS - Label
0803261
https://www.phoenixcontact.com/us/products/0803261
Jun 5, 2025, 4:20AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com