Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001SEHVFE Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL70001SEHVFE
Description  Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70001SEHVFE Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL70001SEHVFE Datasheet HTML 9Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 10Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 11Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 12Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 13Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 14Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 15Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 16Page - Renesas Technology Corp ISL70001SEHVFE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISL70001SEH, ISL70001SRH
FN7956 Rev 3.03
Page 13 of 23
Feb 5, 2024
clock, connect the M/S pin to DGND. In this case, the SYNC pin is
an input that accepts an external synchronizing signal. When
synchronizing multiple devices, slave regulators are synchronized
180° out-of-phase with respect to the SYNC output of a master
regulator or an external clock.
When using an ISL70001SEH in clock slave mode and applying
an external clock to SYNC (whether from a clock master
ISL70001SEH or another external clock), all the clock slaves
using the external clock signal must have their switching
disabled through their EN input before any stoppage of the clock
on the SYNC input. If the external clock signal on the SYNC pin
stops or is otherwise removed while the clock slave
ISL70001SEH is enabled, the internal lower FET turns on and
remains on as the ISL70001SEH control circuit waits for the next
rising edge of the external clock that never arrives, as shown in
Figure 8. Current from the load then recirculates through the
stuck-on lower FET. Figure 8 shows the SYNC stopping at a low
level. If the SYNC stops at a level greater than the SYNC voltage
threshold (Vth), and then decreases through the SYNC Vth, there
is a solitary LX pulse.
Operation Initialization
The ISL70001SEH, ISL70001SRH initialize based on the state of
the Power-on Reset (POR) monitor of the PVINx inputs and the
state of the EN input. Successful initialization prompts a
soft-start interval, and the regulator begins slowly ramping the
output voltage. Once the commanded output voltage is within
the proper window of operation, the power-good signal changes
state from LOW to HIGH, indicating proper regulator operation.
Power-On Reset
The POR circuitry prevents the controller from attempting to
soft-start before sufficient bias is present at the PVINx pins.
The POR threshold of the PVINx pins is controlled by the PORSEL
pin. For a nominal 5V supply voltage, PORSEL should be
connected to DVDD. For a nominal 3.3V supply voltage, PORSEL
should be connected to DGND. For nominal supply voltages
between 5V and 3.3V, PORSEL should be connected to DGND.
The POR rising and falling thresholds are shown in the “Electrical
Specifications” table on page 10.
Hysteresis between the rising and falling thresholds ensures that
small perturbations on PVINx seen during turn-on/turn-off of the
regulator do not cause inadvertent turn-off/turn-on of the
regulator. When the PVINx pins are below the POR rising
threshold, the internal synchronous power MOSFET switches are
turned off and the LXx pins are held in a high-impedance state.
Enable and Disable
After the POR input requirement is met, the ISL70001SEH,
ISL70001SRH remains in shutdown until the voltage at the
enable input rises above the enable threshold. Figure 9 shows
the enable circuit features a comparator type input. In addition to
simple logic on/off control, the enable circuit allows the level of
an external voltage to precisely gate the turn-on/turn-off of the
regulator. An internal IEN current sink with a typical value of
11µA is only active when the voltage on the EN pin is below the
enable threshold. The current sink pulls the EN pin low. As VIN2
rises, the enable level is not set exclusively by the resistor divider
from VIN2.
With the current sink active, the enable level is defined by
Equation 4. R1 is the resistor from the EN pin to VIN2 and R2 is
the resistor from the EN pin to the AGND pin.
Once the voltage at the EN pin reaches the enable threshold, the
IEN current sink turns off.
With the part enabled and the IEN current sink off, the disable
level is set by the resistor divider. The disable level is defined by
Equation 5.
The difference between the enable and disable levels provide
adjustable hysteresis so that noise on VIN2 does not interfere
with the enabling or disabling of the regulator.
To mitigate SEE, the EN pin should be bypassed to the AGND pin
with a 10nF ceramic capacitor.
FIGURE 8. SYNC LOSS SHOWING LX PULLED LOW
LX
VOUT
SYNC
VENABLE
VR 1
R1
R2
-------
+
IEN R1
+
=
(EQ. 4)
FIGURE 9. ENABLE CIRCUIT
-
+
VR
EN
PVINx
VIN1
POR
LOGIC
VIN2
R1
R2
IEN
ENABLE
COMPARATOR
CEN
VR = 0.6V
IEN = 11µA
CEN = 10nF
VDISABLE
VR 1
R1
R2
-------
+
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com