Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70023SEHL/PROTO Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ISL70023SEHL/PROTO
Description  100V, 60A Enhancement Mode GaN Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70023SEHL/PROTO Datasheet(HTML) 5 Page - Renesas Technology Corp

  ISL70023SEHL/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL70023SEHL/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FN8975 Rev.4.03
Page 5
Mar 28, 2024
ISL70023SEH, ISL73023SEH Datasheet
3.
Specifications
3.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions may adversely impact product reliability and result in failures not covered by warranty.
3.2
Thermal Information
3.3
Recommended Operating Conditions
Parameter
Maximum
Unit
VDS[1]
1. Tested in a heavy ion environment at LET = 86.4MeV•cm2/mg(Si) at +125°C (TC)
100
V
VGS
-4 to 6
V
ESD Rating (Drain-to-Source)
Human Body Model (Tested per MIL-STD-883 TM3015)
2
kV
Machine Model (Tested per JESD22-A115C)
200
V
Charged Device Model (Tested per JS-002-2014)
750
V
ESD Rating (Gate-to-Source)
Human Body Model (Tested per MIL-STD-883 TM3015)
500
V
Machine Model (Tested per JESD22-A115C)
200
V
Charged Device Model (Tested per JS-002-2014)
750
V
Parameter
Package
Symbol
Conditions
Typical
Value
Maximum
Unit
Thermal Resistance
SMD Package J4.A
θJA[1]
1.
JA is measured in free air with the component mounted on a high-effective thermal conductivity test board with “direct attach” features.
See TB379.
Junction to air
23.0
-
°C/W
θJC[2]
2. For
JC, the case temp location is on the solder terminations adjacent to the center of the package underside.
Junction to case
3.1
3.9
°C/W
Parameter
Minimum
Maximum
Unit
Maximum Junction Temperature
-
+150
°C
Storage Temperature Range
-65
+150
°C
Parameter
Maximum
Unit
Temperature
-55 to +125
°C
VDS
80
V
ID (VGS = 5.0V, TC = +25°C)[1]
1. TJ = +150°C. Current limited by package constraints.
60
A
ID (VGS = 5.0V, TC = +105°C) [1]
35
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com