Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1908 Datasheet(PDF) 7 Page - TT Electronics.

Part # 1908
Description  Wirewound Resistors Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

1908 Datasheet(HTML) 7 Page - TT Electronics.

  1908 Datasheet HTML 1Page - TT Electronics. 1908 Datasheet HTML 2Page - TT Electronics. 1908 Datasheet HTML 3Page - TT Electronics. 1908 Datasheet HTML 4Page - TT Electronics. 1908 Datasheet HTML 5Page - TT Electronics. 1908 Datasheet HTML 6Page - TT Electronics. 1908 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01.21
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Tubular Vitreous Enamelled Wirewound Resistors
1600/1900 Series
Ordering Procedure
Examples:
CB1601-10RJI (Fixed value, style CB terminal, standard winding, 1601 size at 10 ohms ±5%, Pb-free)
BLF1605-560RJI (Fixed value, style B terminal, low inductance, with mounting plug, 1605 size at 560 ohms ±5%, Pb-free)
4VB1609-7K5KI (Variable value, style B terminal with fixings, standard winding, 1609 size at 7.5 kilohms ±10%, Pb-free)
C B
1
6
0
1
-
1
0 R
J
I
B
L F
1
6
0
5
-
5
6
0 R J
I
4 V B
1
6
0
9
-
7 K 5
K
I
1 2
3
4
5
6
7
8 9
Note – consult datasheet in detail for valid combinations.
1
2
3
4
5
6
7
8
9
Fixings
option
Adjustable
option
Termination
style
Winding
option
Mounting
plug
Tube
size
Value
Tolerance
Packing & Finish
4 =
Terminal
fixings
included
(B only)
Fig. 5
V =
Adjustable
value
Fig. 9
B
Fig. 2
L = Low
inductance
winding
F =
Mounting
plug fitted
Fig. 13
1601
E24 = 3/4
characters
R = ohms
K = kilohms
F = ±1% I = Bulk pack, Pb-free
AP Fig. 3
1905
G = ±2%
AW Fig. 4
1600
J = ±5%
CB Fig. 6
1602
K = ±10%
C
Fig. 7
1906
CP Fig. 8
1603
1604
1605
1908
1607
1606
1608
1609



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com