Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC652 Datasheet(PDF) 2 Page - Texas Instruments

Part # CD74HC652
Description  High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC652 Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC652 Datasheet HTML 1Page - Texas Instruments CD74HC652 Datasheet HTML 2Page - Texas Instruments CD74HC652 Datasheet HTML 3Page - Texas Instruments CD74HC652 Datasheet HTML 4Page - Texas Instruments CD74HC652 Datasheet HTML 5Page - Texas Instruments CD74HC652 Datasheet HTML 6Page - Texas Instruments CD74HC652 Datasheet HTML 7Page - Texas Instruments CD74HC652 Datasheet HTML 8Page - Texas Instruments CD74HC652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Functional Diagram
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR FUNCTION
OEAB
OEBA
CAB
CBA
SAB
SBA
A0 THRU A7
B0 THRU B7
651
652
L
H
H or L
H or L
X
X
Input
Input
Isolation (Note 1)
Isolation (Note 1)
LH
↑↑
X
X
Store A and B Data
Store A and B Data
XH
↑
H or L
X
X
Input
Unspecified
(Note 2)
Store A, Hold B
Store A, Hold B
HH
↑↑
X
(Note 3)
X
Input
Output
Store A in Both
Registers
Store A in Both
Registers
L
X
H or L
↑
X
X
Unspecified
(Note 2)
Input
Hold A, Store B
Hold A, Store B
LL
↑↑
XX
(Note 3)
Output
Input
Store B in Both
Registers
Store B in Both
Registers
L
L
X
X
X
L
Output
Input
Real-Time B Data to
A Bus
Real-Time B Data to
A Bus
L
L
X
H or L
X
H
Stored B Data to A
Bus
Stored B Data to A
Bus
H
H
X
X
L
X
Input
Output
Real-Time A Data to
B Bus
Real-Time A Data to
B Bus
H
H
H or L
X
H
X
Stored A Data to B
Bus
Stored A Data to B
Bus
H
L
H or L
H or L
H
H
Output
Output
Stored A Data to B
Bus and
Stored A Data to B
Bus
Stored B Data to A
Bus
Stored B Data to A
Bus
NOTES:
1. To prevent excess currents in the High-Z (isolation) modes, all I/O terminals should be terminated with 10k
Ω to 1MΩ resistors.
2. The data output functions may be enabled or disabled by various signals at the OEAB or OEBA inputs. Data input functions are always
enabled; i.e., data at the bus pins will be stored on every low-to-high transition on the clock inputs.
3. Select Control = L: Clocks can occur simultaneously.
Select Control = H: Clocks must be staggered in order to load both registers.
20
19
18
17
15
13
14
16
4
B0
B1
B2
B3
B4
B5
B6
B7
OEBA
OEAB
21
3
6
11
5
7
8
9
10
A0
A1
A2
A3
A4
A5
A6
A7
1
23
2
22
CAB CLOCK
CBA CLOCK
SAB SOURCE
SBA SOURCE
GND = PIN 12
VCC = PIN 24
B
DATA
PORT
A
DATA
PORT
FLIP-FLOP
CLOCKS
DATA
SOURCE
SELECTION
INPUTS
CD74HC652, CD74HCT652
CD74HC652, CD74HCT652



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com