Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC328AD Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC328AD
Description  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC328AD Datasheet(HTML) 1 Page - Texas Instruments

  CDC328AD Datasheet HTML 1Page - Texas Instruments CDC328AD Datasheet HTML 2Page - Texas Instruments CDC328AD Datasheet HTML 3Page - Texas Instruments CDC328AD Datasheet HTML 4Page - Texas Instruments CDC328AD Datasheet HTML 5Page - Texas Instruments CDC328AD Datasheet HTML 6Page - Texas Instruments CDC328AD Datasheet HTML 7Page - Texas Instruments CDC328AD Datasheet HTML 8Page - Texas Instruments CDC328AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDC328A
1LINE TO 6LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCAS327B − DECEMBER 1992 − REVISED NOVEMBER 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D TTL-Compatible Inputs and Outputs
D Distributes One Clock Input to Six Clock
Outputs
D Polarity Control Selects True or
Complementary Outputs
D Distributed VCC and GND Pins Reduce
Switching Noise
D High-Drive Outputs (−48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB  BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages
description
The CDC328A contains a clock-driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity-control inputs (T/C), various combinations of true and
complementary outputs can be obtained.
The CDC328A is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
T/C
A
OUTPUT
Y
L
L
L
L
HH
H
LH
H
H
L
logic symbol†
12
A
N1
15
N2
13
1Y1
16
1
1Y2
2
1
2Y1
3
2
N3
10
N4
9
2Y2
5
2
3Y
6
3
4Y
8
4
1T/C
2T/C
3T/C
4T/C
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D OR DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
2Y1
GND
2Y2
3Y
GND
4Y
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
4T/C


Similar Part No. - CDC328AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC328AD TI-CDC328AD Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328ADB TI-CDC328ADB Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328ADBLE TI1-CDC328ADBLE Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328ADBR TI1-CDC328ADBR Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328ADBRG4 TI1-CDC328ADBRG4 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results

Similar Description - CDC328AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329A TI-CDC329A Datasheet
105Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC391 TI-CDC391 Datasheet
107Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC329 TI-CDC329 Datasheet
89Kb / 6P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC392 TI-CDC392 Datasheet
130Kb / 1P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com