Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC337 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC337
Description  CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC337 Datasheet(HTML) 4 Page - Texas Instruments

  CDC337 Datasheet HTML 1Page - Texas Instruments CDC337 Datasheet HTML 2Page - Texas Instruments CDC337 Datasheet HTML 3Page - Texas Instruments CDC337 Datasheet HTML 4Page - Texas Instruments CDC337 Datasheet HTML 5Page - Texas Instruments CDC337 Datasheet HTML 6Page - Texas Instruments CDC337 Datasheet HTML 7Page - Texas Instruments CDC337 Datasheet HTML 8Page - Texas Instruments CDC337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDC337
CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS330B – DECEMBER 1990 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 4 and Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
80
MHz
tPLH
CLK
Any YorQ
4
9
ns
tPHL
CLK
Any Y or Q
4
9
ns
tPHL
CLR
Any Q
4
10
ns
tPZH
OE
AnyYorQ
3
7
ns
tPZL
OE
Any Y or Q
3
7
ns
tPHZ
OE
AnyYorQ
2
7
ns
tPLZ
OE
Any Y or Q
2
7
ns
↑
Y
↑
0.75
tsk(o)
CLK
↑
Q
↑
0.9
ns
()
Y
↑ and Q↑
0.9
tr
0.9
ns
tf
0.7
ns
† All typical values are at VCC = 5 V, TA = 25°C.
NOTE 4: All specifications are valid only for all outputs switching.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com