Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC340 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC340
Description  1-LINE TO 8-LINE CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC340 Datasheet(HTML) 3 Page - Texas Instruments

  CDC340 Datasheet HTML 1Page - Texas Instruments CDC340 Datasheet HTML 2Page - Texas Instruments CDC340 Datasheet HTML 3Page - Texas Instruments CDC340 Datasheet HTML 4Page - Texas Instruments CDC340 Datasheet HTML 5Page - Texas Instruments CDC340 Datasheet HTML 6Page - Texas Instruments CDC340 Datasheet HTML 7Page - Texas Instruments CDC340 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDC340
1-LINE TO 8-LINE CLOCK DRIVER
SCAS332B – DECEMBER 1992 – REVISED MAY 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state or power-off state,
VO (see Note 1)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 2): DW package
1.6 W
. . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations Application Note in the ABT Advanced BiCMOS Technology
Data Book, literature number SCBD002.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.75
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–48
mA
IOL
Low-level output current
48
mA
f lk
Input clock frequency
One output back loaded
80
MHz
fclock
Input clock frequency
Both output banks loaded
40
MHz
TA
Operating free-air temperature
0
70
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.75 V,
IOH = – 3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
3
V
VCC = 4.75 V,
IOH = – 48 mA
2
2
VOL
VCC = 4.75 V,
IOL = 48 mA
0.5
V
II
VCC = 5.25 V,
VI = VCC or GND
±1
±1
µA
IO§
VCC = 5.25 V,
VO = 2.5 V
–50
– 100
– 200
–50
– 200
mA
ICC
VCC = 5.25 V,
IO = 0,
Outputs high
2
3.5
mA
ICC
CC
,
O
,
VI = VCC or GND
Outputs low
24
33
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
‡ All typical values are at VCC = 5 V.
§ No more than one output should be tested at a time, and the duration of the test should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com