Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC341 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC341
Description  1-LINE TO 8-LINE CLOCK DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC341 Datasheet(HTML) 4 Page - Texas Instruments

  CDC341 Datasheet HTML 1Page - Texas Instruments CDC341 Datasheet HTML 2Page - Texas Instruments CDC341 Datasheet HTML 3Page - Texas Instruments CDC341 Datasheet HTML 4Page - Texas Instruments CDC341 Datasheet HTML 5Page - Texas Instruments CDC341 Datasheet HTML 6Page - Texas Instruments CDC341 Datasheet HTML 7Page - Texas Instruments CDC341 Datasheet HTML 8Page - Texas Instruments CDC341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDC341
1-LINE TO 8-LINE CLOCK DRIVER
SCAS333D – DECEMBER 1992 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.75 V,
IOH = – 3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = – 3 mA
3
3
V
VCC = 4.75 V,
IOH = – 48 mA
2
2
VOL
VCC = 4.75 V,
IOL = 48 mA
0.5
V
II
VCC = 5.25 V,
VI = VCC or GND
±1
±1
µA
IO‡
VCC = 5.25 V,
VO = 2.5 V
–50
– 100
– 200
–50
– 200
mA
ICC
VCC = 5.25 V,
IO = 0,
Outputs high
2
3.5
mA
ICC
CC
,
O
,
VI = VCC or GND
Outputs low
24
33
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
switching characteristics, CL = 50 pF (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
VCC = 4.75 V to 5.25 V,
TA = 0°C to 70°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
3.5
4.5
3.1
4.9
ns
tPHL
A
Y
3.5
4.3
3.1
4.9
ns
tPLH
G
Y
2
3.8
2
4
ns
tPHL
G
Y
2
3.8
2
4
ns
tsk(o)
0.3
0.5
0.6
tsk(p)
A
Y
0.6
0.8
0.9
ns
tsk(pr)
1
1
tr
A
Y
1.5
ns
tf
A
Y
1.5
ns
tpd performance information relative to VCC and temperature variation (see Note 4)
DtPLH(TA)†
Temperature drift of tPLH from 0°C to 70°C
– 41 ps / 10
°C
DtPHL(TA)†
Temperature drift of tPHL from 0°C to 70°C
– 52 ps / 10
°C
DtPLH(VCC)‡
VCC drift of tPLH from 4.75 V to 5.25 V
28 ps / 100 mV
DtPHL(VCC)‡§
VCC drift of tPHL from 4.75 V to 5.25 V
20 ps / 100 mV
† Virtually independent of VCC
‡ Virtually independent of temperature
NOTE 4: The data extracted is from a wide range of characterization material.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com