Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM4159-1 Datasheet(PDF) 1 Page - Comus International

Part # CM4159-1
Description  Tip-Over Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CM4159-1 Datasheet(HTML) 1 Page - Comus International

  CM4159-1 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: CM4159-1
CM4159-1
Tip-Over Switches
SPECIFICATIONS
Contact Form/Style
Normally Open
Switching Voltage
Max. Vac
120
Switching Current
Max. A
1.0
Switching Capacity
Max. VA
150
Operate Angle
Max. Deg.°
10 ± 2°
Contact Resistance
Max. Ohms
3
Operating Temperature
Deg.°C
-37° +100°
Storage Temperature
Deg.°C
-40° +125°
Case Material
Steel-tin-plated
Features
Joystick control
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be
pleased to help you with the latest information on this product range and the details of our full design and manufacturing service.
All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
©2008 Copyright Comus International Inc.
454 Allwood Rd, Clifton, NJ 07012, USA.
Phone: (1) 973 777 6900 Fax: (1) 973 777 8405 Website: www.comus-intl.com
UK: +44 (0)1255 862236 - Belgium: + 32 (0)12 390400 - France: + 33 (0) 1 43 96 86 10
PICTURE
DIMENSIONS
23.5Ø
(.925)
SWITCH OFF
12.7
(.500)
11.9
(.470)
5.84
(.230)
12.4
(.490)
19.5
(.770)
SWITCH ON
OPERATE ANGLE
10° ±2
SWITCH ON
OPERATE ANGLE
10° ±2
HORIZONTAL
Drawings not to scale
All dimensions in mm(inches) nominal
REV. NO.
REVISION NOTE
DATE
SIGNATURE
C
Datasheet Redesign
May 21, 2008
LG
Take a look at our variety of products
Float Switches
Acceleration /
Shock Switches
Movement
Sensors
Tilt / Tip Switches
Reed Relays
Solid State
Relays
High Breakdown
Switches
Reed Switches
Magnets
Electronic Tilt /
Tip Over
Low Cost - Non
Mercury Switches
Rubber Keymats -
Silicone Rubber
Product Data Sheet
NOTE: When cutting or bending switch leads it is important that the glass seal is not damaged. The cutting or bending point should be no closer than 3mm(.118in)
to the glass to metal seal and the lead should be supported between the cutting or bending point and the glass to metal seal.


Similar Part No. - CM4159-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM415 ETC2-CM415 Datasheet
723Kb / 1P
TUNING FORK CRYSTAL WITH CERAMIC PACKAGED TYPE HIGH-DENSITY SMD TYPE
logo
CITIZEN ELECTRONICS CO....
CM415 CITIZEN-CM415 Datasheet
89Kb / 1P
TUNING FORK CRYSTAL UNIT (SMD ??Ceramic Package)
logo
Comus International
CM4150-1 COMUS-CM4150-1 Datasheet
222Kb / 1P
4WAY TILT SENSOR-N.O
CM4155-1 COMUS-CM4155-1 Datasheet
228Kb / 1P
4WAY TILT SENSOR-N.O
CM4156-1 COMUS-CM4156-1 Datasheet
227Kb / 1P
4WAY TILT SENSOR-N.O
10/25/99
More results

Similar Description - CM4159-1

ManufacturerPart #DatasheetDescription
logo
celduc-relais
IBXXXXX CELDUC-IBXXXXX Datasheet
70Kb / 1P
TIP OVER SWITCH- NO MERCURY CONTACTS
logo
American Electronic Com...
4770 AEC-4770 Datasheet
164Kb / 1P
Tip Over Switch ??Mercury
20110 AEC-20110 Datasheet
186Kb / 1P
Tip Over Switch - Mercury
20599 AEC-20599 Datasheet
173Kb / 1P
Tip Over Switch ??Mercury
T03-1002 AEC-T03-1002 Datasheet
178Kb / 1P
Tip Over Switch . Mercury
T03-1005 AEC-T03-1005 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1010 AEC-T03-1010 Datasheet
192Kb / 1P
Tip Over Switch ??Mercury
T03-1016 AEC-T03-1016 Datasheet
178Kb / 1P
Tip Over Switch ??Mercury
T03-1050 AEC-T03-1050 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
T03-1054 AEC-T03-1054 Datasheet
182Kb / 1P
Tip Over Switch ??Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com