Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW3003-01 Datasheet(PDF) 1 Page - Comus International

Part # CW3003-01
Description  Tilt Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CW3003-01 Datasheet(HTML) 1 Page - Comus International

  CW3003-01 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number: CW3003-0
Tilt Switch
Product Data Sheet
PICTURE
OPERATION
FEATURES
INTERNAL CIRCUIT DIAGRAM
DIMENSIONS
Drawings not to scale.
All dimensions in inches (mm) nominal.
• Resistant to Ambient Environmental Conditions
• Case Material : Tin Plated
• Hermetically Sealed & Inert Gas Filled
Contact Rating (Tungsten Load)
1.3 A MAX, 50 VDC MAX, 14 W MAX
Differential Angle
10° MAX from Horizontal
Operating Temperature
-25° +80°C
SPECIFICATION
“OFF”
“ON”
HORIZONTAL
DIFFERENTIAL ANGLE 10° MAX
0.400
(10.16)
0.337
(8.56)
0.526 REF.
(13.28)
0.080 (2.03)
0.060 (1.52)
0.586 (14.80)
LEAD NEGATIVE POLARITY
THE LEAD
THE BODY
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2014 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA


Similar Part No. - CW3003-01

ManufacturerPart #DatasheetDescription
logo
Comus International
CW3004-01 COMUS-CW3004-01 Datasheet
512Kb / 1P
Tilt Switch
CW3006-02 COMUS-CW3006-02 Datasheet
453Kb / 1P
Tilt Switch
More results

Similar Description - CW3003-01

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com