Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC2310 Datasheet(PDF) 1 Page - Comus International

Part # GC2310
Description  Reed Switch - Make Contact Form
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

GC2310 Datasheet(HTML) 1 Page - Comus International

  GC2310 Datasheet HTML 1Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES
The life expectancy of a reed switch is dependent upon the load
being switched. At maximun rated loads life expectancy is approx.
10
6 operations. Lower load ratings can increase the life up to 5x108
operations. Mechanical life or low level loads can be at least 10
9
operations. Switching inductive, capacitive or lamp loads can
considerably reduce the life expectancy.
We offer a crop
and form service for Reed Switches to be
customized to your specification.
DIMENSIONS

=?

=?

=?

=?
PICTURE
Drawings not to scale
All dimensions in mm [inches] nominal.
ORDERING INFORMATION
PART NUMBER GC 2310 20 30
Type
Minimum Sensitivity (AT)
Maximum Sensitivity (AT)
Example: Type 2310, Pull-in sensitivity between 20 - 30AT
is PART NO: GC 2310 20 30
REV. NO.
REVISION NOTE
DATE
SIGNATURE
2
Datasheet Redesign
29 -03-07
LG
TAKE A LOOK AT OUR VARIETY OF PRODUCTS
Float Switches
Acceleration /
Shock Switches
Movement
Sensors
Tilt / Tip Switches
Reed Relays
Solid State
Relays
High Breakdown
Switches
Reed Switches
Magnets
Electronic Tilt /
Tip Over
Low Cost - Non
Mercury Switches
Rubber Keymats -
Silicone Rubber
Part Number : GC2310 (0735)
GC2310 (0735) - Product Data Sheet
Reed Switch - Make Contact Form
SPECIFICATIONS
Contact Form
A (Make Contact)
Contact Material
Rhodium
Switching Capacity
Max.
10 W/VA
Switching Voltage
Max.
150 VAC/DC
Switching Current
Max.
0.5 A
Carrying Current
Max.
1.0 A
Dielectric Strength
Min.
200 VDC
Contact Resistance
Max.
150 mOhms
Insulation Resistance
Min.
10
10
MOhms
Pull - In - Sensitivity
7 - 35 AT
Drop - Out - Sensitivity
Min.
4 AT
Switching Time Without Bounce
Max.
1.8 ms
Bounce Time
Max.
0.2 ms
Release Time
Max.
0.05 ms
Resonant Frequency
Typ.
5000 Hz
Operating Frequency
Max.
200 Hz
Vibration
10-1000
35 Hz
Shock
11 ms
50 G
Capacitance
Typ.
0.7 pF
Operating Temperature Range
Deg
-40 + 125°C
Life Expectancy
Min. Ops.
10
9 Mech. Life
Test Coil
Type
1035
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased
to help you with the latest information on this product range and the details of our full design and manufacturing service. All products are
supplied to our standard conditions of sale unless otherwise agreed in writing.
Phone: (1) 973 777 6900
www.comus-intl.com
Fax : (1) 973 777 8405
Assemtech, UK: +44 (0) 1255 862236 - Belgium: + 32 (0)12 390400 - France: + 33 (0) 1 43 96 86 10
©2007 Copyright Comus International ,454 Alwood Road, Clifton NJ 07012, USA.


Similar Part No. - GC2310

ManufacturerPart #DatasheetDescription
logo
Comus International
GC2314 COMUS-GC2314 Datasheet
380Kb / 1P
Reed Switch - Normally Open Contacts
GC2315 COMUS-GC2315 Datasheet
369Kb / 1P
Reed Switch - Normally Open Contacts
logo
List of Unclassifed Man...
GC2315R-3-200 ETC2-GC2315R-3-200 Datasheet
330Kb / 2P
Radial Leaded Glass Encapsulated Style
More results

Similar Description - GC2310

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AJ21 CELDUC-AJ21 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
REED SWITCH DRY CONTACT CHANGEOVER
IA23 CELDUC-IA23 Datasheet
107Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
logo
PIC GmbH
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
SMD-Form B-Reed Switch for automated assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com