Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W400DT70M6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # M29W400DT70M6F
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W400DT70M6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M29W400DT70M6F Datasheet HTML 7Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 8Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 9Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 10Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 11Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 12Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 13Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 14Page - STMicroelectronics M29W400DT70M6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
M29W400DT, M29W400DB
Description
11/48
Figure 5.
Block addresses (x 8)
1.
Also see Appendix A: Block address table, Table 21: Top boot block addresses M29W400DT and
Table 22: Bottom boot block addresses M29W400DB for a full listing of the block addresses.
AI06857b
16 Kbyte
7FFFFh
7C000h
64 Kbyte
1FFFFh
10000h
64 Kbyte
0FFFFh
00000h
M29W400DT
Top boot block addresses (x 8)
32 Kbyte
77FFFh
70000h
64 Kbyte
60000h
6FFFFh
Total of 7
64 Kbyte blocks
16 Kbyte
7FFFFh
70000h
64 Kbyte
64 Kbyte
03FFFh
00000h
M29W400DB
Bottom boot block addresses (x 8)
32 Kbyte
6FFFFh
1FFFFh
64 Kbyte
60000h
10000h
Total of 7
64 Kbyte blocks
0FFFFh
08000h
8 Kbyte
8 Kbyte
7BFFFh
7A000h
79FFFh
78000h
8 Kbyte
8 Kbyte
07FFFh
06000h
05FFFh
04000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com