Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUAS3G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TUAS3G
Description  3A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TUAS3G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TUAS3G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TUAS3G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TUAS3G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TUAS3G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TUAS3G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TUAS3D
– TUAS3M
Taiwan Semiconductor
4
Version: A2406
PACKAGE OUTLINE DIMENSIONS
TO-277A (SMPC4.6U)
MARKING DIAGRAM
6.50±0.15
4.30±0.05
A
SUGGESTED PAD LAYOUT
6.10±0.05
B
2.05±0.15
1.10
+0.15
-0.20
4.60±0.20
0.75 NOM.
2.10
3.94 NOM.
3.55±0.15
0.25
+0.15
-0.10
0.20±0.15
1.20
1.00
4.60±0.15
1
2
K
1
2
K
YWF
P/N
P/N
= MARKING CODE
YW
= DATE CODE
F
= FACTORY CODE
1
2
K
6.95
5.00
5.00
1.40
1.60
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M-1994.
3. PACKAGE OUTLINE REFERENCE:
JEDEC TO-277 ISSUE A.
4 MOLDED PLASTIC BODY DIMENSIONS DO
NOT INCLUDE MOLD LASH, PROTRUSIONS
OR GATE BURRS.
5. DWG NO. REF: HQ2SD07-SMPC4.6U-031 REV A.
CATHODE
INDICATOR
1.05
C
1.20±0.15
0.13
C A B
0.10 C
SEATING
PLANE
0.13
C B A
1.05
3X
2X
4
4
(0.46)
0.50±0.25
1.00
+0.15
-0.35



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com