Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUAS4D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TUAS4D
Description  4A, 200V - 1000V Standard Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TUAS4D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TUAS4D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TUAS4D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TUAS4D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TUAS4D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TUAS4D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TUAS4D
– TUAS4M
Taiwan Semiconductor
1
Version: A2406
4A, 200V - 1000V Standard Surface Mount Rectifier
FEATURES
● Glass passivated chip junction
● High surge current capability
● Ideal for automated placement
● Wettable flank
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● DC to DC converter
● Switching mode converters and inverters
● General purpose
MECHANICAL DATA
● Case: TO-277A (SMPC4.6U)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.107g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
4
A
VRRM
200 - 1000
V
IFSM
120
A
TJ MAX
150
°C
Package
TO-277A (SMPC4.6U)
Configuration
Single die
TO-277A (SMPC4.6U)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
TUAS
4D
TUAS
4G
TUAS
4J
TUAS
4K
TUAS
4M
UNIT
Marking code on the device
AS4D
AS4G
AS4J
AS4K
AS4M
Repetitive peak reverse voltage
VRRM
200
400
600
800
1000
V
Reverse voltage, total rms value
VR(RMS)
140
280
420
560
700
V
Forward current
IF
4
A
Surge peak forward
current single half sine-
wave superimposed on
rated load
t = 8.3ms
IFSM
120
A
t = 1.0ms
280
Junction temperature
TJ
-55 to +150
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - TUAS4D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TUAS3D TSC-TUAS3D Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3G TSC-TUAS3G Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3J TSC-TUAS3J Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3K TSC-TUAS3K Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
TUAS3M TSC-TUAS3M Datasheet
307Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
Version: A2406
More results

Similar Description - TUAS4D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S3DB-K TSC-S3DB-K Datasheet
434Kb / 5P
3A, 200V - 1000V Standard Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S2D-T TS-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TS-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2D-T TSC-S2D-T Datasheet
426Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DA-T TSC-S2DA-T Datasheet
424Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DALH TSC-S2DALH Datasheet
431Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S2DAL TSC-S2DAL Datasheet
436Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
S1DLSH TSC-S1DLSH Datasheet
442Kb / 5P
1.2A, 200V - 1000V Standard Surface Mount Rectifier
S1DALH TSC-S1DALH Datasheet
430Kb / 5P
1A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com