Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYT809JS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CYT809JS
Description  3-Pin Microprocessor Reset Monitor (Preliminary)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT809JS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CYT809JS Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT809JS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary and all contents are subject to change without prior notice.
3
CYT809
3-Pin Microprocessor
Reset Monitor
(Preliminary)
Electrical Characteristics
Vcc=5V for L/M/J ;3.3V for T/S ;3.0V for R ,TA = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Input Voltage
2.0
5.5
V
ICC
Supply Current
--
18
25
µA
VTH
Reset Threshold
CYT809Lxx :
CYT809Mxx :
CYT809Jxx :
CYT809Txx :
CYT809Sxx :
CYT809Rxx :
4.54
4.29
3.92
3.02
2.87
2.58
4.63
4.38
4.00
3.08
2.93
2.63
4.72
4.47
4.08
3.14
2.99
2.68
V
Reset Threshold Temperature
Coefficient
(4)
--
30
--
ppm/°C
VCC to Reset Delay VCC = VTH to (VTH –
100mV)
--
20
--
µsec
Reset Active Timeout Period
140
600
240
msec
VOL
RESET Output Voltage Low
ISINK = 3mA
--
--
0.4
V
VOH
RESET Output Voltage High
ISOURCE = 800µA
0.8VCC
--
--
V
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) =
(TJ(MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature,
and the regulator will go into thermal shutdown. See “Thermal Consideration” section for details
Note 4: RESET threshold temperature coefficient is the worst case voltage change divided by the total temperature
range.
PIN DESCRIPTION:
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while Vcc is below the reset voltage
threshold and for 240msec(typ) after Vcc rises above reset threshold
3
Vcc
Supply Voltage (typ.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com