Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLU024ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRLU024ZPBF
Description  AUTOMOTIVE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU024ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLU024ZPBF Datasheet HTML 4Page - International Rectifier IRLU024ZPBF Datasheet HTML 5Page - International Rectifier IRLU024ZPBF Datasheet HTML 6Page - International Rectifier IRLU024ZPBF Datasheet HTML 7Page - International Rectifier IRLU024ZPBF Datasheet HTML 8Page - International Rectifier IRLU024ZPBF Datasheet HTML 9Page - International Rectifier IRLU024ZPBF Datasheet HTML 10Page - International Rectifier IRLU024ZPBF Datasheet HTML 11Page - International Rectifier IRLU024ZPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRLR/U024ZPbF
10
www.irf.com
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
AS SE MB LY
EXAMPLE:
WIT H AS SE MB LY
T HIS IS AN IRF U120
YEAR 9 = 1999
DAT E CODE
LINE A
WEE K 19
IN T HE ASS EMBLY LINE "A"
ASS EMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBE R
56
IRF U120
INT ERNAT IONAL
LOGO
RE CT IF IER
LOT CODE
919A
78
Note: "P" in as s embly line
pos ition indicates "Lead-F ree"
OR
56
78
ASSEMB LY
LOT CODE
RECT IFIER
LOGO
INT ERNAT IONAL
IRF U120
PART NUMBER
WEEK 19
DAT E CODE
YEAR 9 = 1999
A = AS S EMB LY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com