Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2292 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2292 Datasheet HTML 7Page - NXP Semiconductors LPC2292 Datasheet HTML 8Page - NXP Semiconductors LPC2292 Datasheet HTML 9Page - NXP Semiconductors LPC2292 Datasheet HTML 10Page - NXP Semiconductors LPC2292 Datasheet HTML 11Page - NXP Semiconductors LPC2292 Datasheet HTML 12Page - NXP Semiconductors LPC2292 Datasheet HTML 13Page - NXP Semiconductors LPC2292 Datasheet HTML 14Page - NXP Semiconductors LPC2292 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
11 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
P1[25]/EXTIN0
60[7]
K8[7]
I
EXTIN0 — External Trigger Input. Standard I/O with internal
pull-up.
P1[26]/RTCK
52[7]
N6[7]
I/O
RTCK — Returned Test Clock output. Extra signal added to
the JTAG port. Assists debugger synchronization when
processor frequency varies. Bidirectional pin with internal
pull-up.
Note: LOW on this pin while RESET is LOW, enables pins
P1[31:26] to operate as Debug port after reset.
P1[27]/TDO
144[7]
B2[7]
O
TDO — Test Data out for JTAG interface.
P1[28]/TDI
140[7]
A3[7]
I
TDI — Test Data in for JTAG interface.
P1[29]/TCK
126[7]
A7[7]
I
TCK — Test Clock for JTAG interface. This clock must be
slower than 1
⁄
6 of the CPU clock (CCLK) for the JTAG interface
to operate.
P1[30]/TMS
113[7]
D10[7]
I
TMS — Test Mode Select for JTAG interface.
P1[31]/TRST
43[7]
M4[7]
I
TRST — Test Reset for JTAG interface.
P2[0] to P2[31]
I/O
Port 2 — Port 2 is a 32-bit bidirectional I/O port with individual
direction controls for each bit. The operation of port 2 pins
depends upon the pin function selected via the Pin Connect
Block.
P2[0]/D0
98[7]
E12[7]
I/O
D0 — External memory data line 0.
P2[1]/D1
105[7]
C12[7]
I/O
D1 — External memory data line 1.
P2[2]/D2
106[7]
C11[7]
I/O
D2 — External memory data line 2.
P2[3]/D3
108[7]
B12[7]
I/O
D3 — External memory data line 3.
P2[4]/D4
109[7]
A13[7]
I/O
D4 — External memory data line 4.
P2[5]/D5
114[7]
C10[7]
I/O
D5 — External memory data line 5.
P2[6]/D6
115[7]
B10[7]
I/O
D6 — External memory data line 6.
P2[7]/D7
116[7]
A10[7]
I/O
D7 — External memory data line 7.
P2[8]/D8
117[7]
D9[7]
I/O
D8 — External memory data line 8.
P2[9]/D9
118[7]
C9[7]
I/O
D9 — External memory data line 9.
P2[10]/D10
120[7]
A9[7]
I/O
D10 — External memory data line 10.
P2[11]/D11
124[7]
A8[7]
I/O
D11 — External memory data line 11.
P2[12]/D12
125[7]
B7[7]
I/O
D12 — External memory data line 12.
P2[13]/D13
127[7]
C7[7]
I/O
D13 — External memory data line 13.
P2[14]/D14
129[7]
A6[7]
I/O
D14 — External memory data line 14.
P2[15]/D15
130[7]
B6[7]
I/O
D15 — External memory data line 15.
P2[16]/D16
131[7]
C6[7]
I/O
D16 — External memory data line 16.
P2[17]/D17
132[7]
D6[7]
I/O
D17 — External memory data line 17.
P2[18]/D18
133[7]
A5[7]
I/O
D18 — External memory data line 18.
P2[19]/D19
134[7]
B5[7]
I/O
D19 — External memory data line 19.
P2[20]/D20
136[7]
D5[7]
I/O
D20 — External memory data line 20.
P2[21]/D21
137[7]
A4[7]
I/O
D21 — External memory data line 21.
P2[22]/D22
1[7]
A1[7]
I/O
D22 — External memory data line 22.
P2[23]/D23
10[7]
E3[7]
I/O
D23 — External memory data line 23.
Table 4.
Pin description …continued
Symbol
Pin (LQFP)
Pin
(TFBGA)[1]
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com