Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4906EF Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4906EF
Description  High-/Full-Speed USB 2.0 Switches with High ESD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4906EF Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4906EF Datasheet HTML 1Page - Maxim Integrated Products MAX4906EF Datasheet HTML 2Page - Maxim Integrated Products MAX4906EF Datasheet HTML 3Page - Maxim Integrated Products MAX4906EF Datasheet HTML 4Page - Maxim Integrated Products MAX4906EF Datasheet HTML 5Page - Maxim Integrated Products MAX4906EF Datasheet HTML 6Page - Maxim Integrated Products MAX4906EF Datasheet HTML 7Page - Maxim Integrated Products MAX4906EF Datasheet HTML 8Page - Maxim Integrated Products MAX4906EF Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
High-/Full-Speed USB 2.0 Switches
with High ESD
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +2.7V to +3.6V, TA = TMIN to TMAX, charge-pump enabled, unless otherwise noted. Typical values are at V+= 3.3V, TA =
+25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Signals on IN, QP exceeding GND are clamped by internal diodes. Limit forward-diode current to maximum current rating.
(All voltages referenced to GND.)
V+ .............................................................................-0.3V to +4V
IN, QP (Note 1) .........................................................-0.3V to +4V
COM_, NO_, NC_ ..................................................-0.3V to +5.5V
Continuous Current (COM_ to NO_/NC_) ......................±120mA
Peak Current, (COM_ to NO_/NC_)
(pulsed at 1ms 10% duty cycle).................................±240mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µDFN (derate 5.0mW/°C above +70°C) ...........403mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,VNO_,
VNC_
QP = 0 or V+ (Note 3)
0
3.6
V
Fault-Protection Trip Threshold
(Note 9)
VFP
3.62
3.9
4.20
V
TA = +25°C
3.8
5
V+ = 2.7V,
ICOM_ = -10mA,
VCOM_ = 0V, 1.5V,
QP = 0V
TA = TMIN to TMAX
6
Ω
TA = +25°C
4
7
On-Resistance, Charge-Pump
Enabled
RON
V+ = 2.7V,
ICOM_ = -10mA,
VCOM_ = 2.7V,
QP = 0V
TA = TMIN to TMAX
8
Ω
TA = +25°C
5
12
V+ = 3.0V,
ICOM_ = -10mA,
VCOM_ = 0V, 1.5V,
QP = V+
TA = TMIN to TMAX
13
TA = +25°C
8
15
On-Resistance, Charge-Pump
Disabled
RON
V+=2.7V,
ICOM_ = -10mA,
VCOM_ = 0V, 1.5V,
QP = V+
TA = TMIN to TMAX
17
Ω
TA = +25°C
0.5
0.8
On-Resistance Match Between
Channels
ΔRON
V+ = 2.7V,
ICOM_ = -10mA,
VCOM_ = 0V, 1.5V, 2.7V
(Note 4)
TA = TMIN to TMAX
1.0
Ω
On-Resistance Flatness
RFLAT(ON)
V+ = 2.7V,
ICOM_ = -10mA, VCOM_ = 0V, 1.5V
(Note 5)
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com