Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72026ASEHF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL72026ASEHF
Description  3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72026ASEHF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL72026ASEHF Datasheet HTML 9Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 10Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 11Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 12Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 13Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 14Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 15Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 16Page - Renesas Technology Corp ISL72026ASEHF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
FN8861 Rev. 1.00
Page 13 of 28
Jul 27, 2017
ISL72026ASEH
2. Specifications
Figure 18. Listen to Valid Dominant Time Test Circuit
Figure 19. Listen to Valid Dominant Time Measurement
Points
Figure 20. Total Loop Delay Test Circuit
Figure 21. Total Loop Delay Measurement Points
Figure 22. Loop Back Delay to Dominant Time Test
Circuit
Figure 23. Loop Back Delay to Dominant Measurement
Points
D
LBK
RS
R
CANL
CANH
GND
VOD
60Ω
VIN
15pF ±20%
±1%
VO
VIN = 125kHz, 0V TO VCC, DUTY CYCLE 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
VOH
VOL
t L - DOM
50%
0Ω,10kΩ,50kΩ
60Ω
CAN H
CAN L
GND
RS
LBK
D
R
VO
VIN
15pF ±20%
VIN = 125kHz, DUTY CYCLE 50%, tr = tf ≤ 6ns.
±1%
t(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
VO
VCC
0V
VOH
VOL
D
LBK
RS
R
CANL
CANH
GND
VOD = 2.3V
VIN
15pF ±20%
VCC
±1%
VO
VIN = 125kHz, 0V TO VCC, DUTY CYCLE 50%, tr = tf ≤ 6ns
0Ω,10kΩ,50kΩ
+
60Ω
-
t(LBK1)
50%
50%
50%
50%
t(LBK2)
VIN
VO
VCC
0V
VOH
VOL
t(LBK) = t(LBK1) = t(LBK2)
VOD
= +2.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com