Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEHVF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL72027ASEHVF
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHVF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL72027ASEHVF Datasheet HTML 9Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 10Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 11Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 12Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 13Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 14Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 15Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 16Page - Renesas Technology Corp ISL72027ASEHVF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
FN8862 Rev.1.00
Page 13 of 27
Jul 27, 2017
ISL72027ASEH
2. Specifications
Figure 18. Total Loop Delay Test Circuit
Figure 19. Total Loop Delay Measurement Points
Figure 20. Listen to Valid Dominant Time Circuit
Figure 21. Listen to Valid Dominant Time Measurement
Points
Figure 22. Output Short-Circuit Current Circuit
Figure 23. Output Short-Circuit Current Waveforms
0Ω,10kΩ,50kΩ
60Ω
CAN H
CAN L
GND
RS
VREF
D
R
V
O
VIN
15pF ±20%
VIN = 125kHz, DUTY CYCLE 50%, tr = tf ≤ 6ns
±1%
FLOAT
t
(LOOP2)
50%
50%
50%
50%
t(LOOP1)
VIN
V
O
VCC
0V
VOH
VOL
D
VREF
RS
R
CAN_L
CAN_H
GND
VOD
60Ω
VIN
15pF ±20%
FLOAT
±1%
VO
VIN = 125kHz, 0V to VCC, DUTY CYCLE 50%, tr = tf ≤ 6ns
50%
VIN
VO
VCC
0V
V
OH
V
OL
t L - DOM
50%
D
CANH
CANL
GND
GND
+
-
VIN = -7V
OR 12V
I
O(SRT)
I
O(SRT)
|IO(SRT)|
0A
0V
VIN
VIN
12V
-7V
10µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com