Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027ASEHX Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL72027ASEHX
Description  3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL72027ASEHX Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL72027ASEHX Datasheet HTML 17Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 18Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 19Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 20Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 21Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 22Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 23Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 24Page - Renesas Technology Corp ISL72027ASEHX Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FN8862 Rev.1.00
Page 21 of 27
Jul 27, 2017
ISL72027ASEH
4. Functional Description
4.5
Listen Mode
When a high level is applied to the RS pin, the device enters a low power Listen mode. The driver of the transceiver
is switched off to conserve power while the receiver remains active. In Listen mode, the transceiver draws 2mA
(maximum) of current.
A low level on the RS pin brings the device back to normal operation.
4.6
Using 3.3V Devices in 5V Systems
The differential voltages and recessive common-mode outputs are the same for both the 3.3V and 5V devices. The
dominant common-mode output voltage is slightly lower than that of the 5V counterparts. The receiver
specifications for both devices are also the same. Although the electrical parameters appear compatible, perform
necessary system testing to verify interchangeable operation.
4.7
Split Mode Termination
The VREF pin provides a VCC/2 output voltage for Split mode termination. The VREF pin has the same ESD
protection, short-circuit protection, and common-mode operating range as the bus pins.
The Split mode termination technique is shown in Figure 48.
Figure 48. Split Termination
Split mode termination is used to stabilize the bus voltage at VCC/2 and prevent it from drifting to a high
common-mode voltage during periods of inactivity. The technique improves the electromagnetic compatibility of a
network. The Split mode termination is put at each end of the bus.
The CL capacitor between the two 60Ω resistors filters unwanted high frequency noise to ground. The resistors
should have a tolerance of 1% or better and the two resistors should be carefully matched to provide the most
effective EMI immunity. A typical value of CL for a high speed CAN network is 4.7nF, which generates a 3dB
point at 1.1Mbps. The capacitance value used is dependent on the signaling rate of the network.
NODE
#1
NODE
#n
CANH
CANL
VREF
VREF
CL
CL
NODE
#2
60Ω
60Ω
60Ω
60Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com