Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFE Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWFE
Description  Plastic Film Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFE Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWFE Datasheet HTML 1Page - Panasonic Semiconductor ECWFE Datasheet HTML 2Page - Panasonic Semiconductor ECWFE Datasheet HTML 3Page - Panasonic Semiconductor ECWFE Datasheet HTML 4Page - Panasonic Semiconductor ECWFE Datasheet HTML 5Page - Panasonic Semiconductor ECWFE Datasheet HTML 6Page - Panasonic Semiconductor ECWFE Datasheet HTML 7Page - Panasonic Semiconductor ECWFE Datasheet HTML 8Page - Panasonic Semiconductor ECWFE Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Non-inductive construction using metallized polypropylene
film with flame retardant plastic case.
●
High safety (with safety function)
●
Small size
●
Excellent frequency characteristics
●
Low loss
●
Flame retardant plastic case and non-combustible resin
●
Low hum sound noise
●
RoHS compliant
●
Active filter circuit
●
High frequency circuit
■ Standard
■ Special lead space product
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
−40 ℃ to +105 ℃
(Derating of rated voltage by 1.0%/
℃ at more than 85 ℃)
400 Vp-p, and zero to peak voltage should be less than 630 Vo-p.
Peak to peak voltage applied on the capacitor should be less than
(Derating of rated voltage by 1.25 %/
℃ at more than 85 ℃)
240 Vp-p, and zero to peak voltage should be less than 450 Vo-p.
Peak to peak voltage applied on the capacitor should be less than
Should a safety concern arise regarding this product, please be sure to contact us immediately.
03-Apr-23
Code
Lead form
1,
5,8
Straight
A,D,L
Cut lead
 C ≦ 0.33 μF:IR ≧ 9,000 MΩ
 C > 0.33 μF:IR ≧ 10,000 MΩ・μF
 C ≦ 0.33 μF:IR ≧ 30,000 MΩ
Category temp. range
Specifications
Between terminals : Rated voltage (V)×150 % 60 s
tan δ
≦ 0.1 % (20 ℃, 1 kHz)
±5% (J), ±10 % (K)
Straight
Cut lead
Code
Blank
A
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
(20
℃, 100 V, 60 s)
(20
℃, 500 V, 60 s)
 C > 0.33 μF:IR ≧ 3,000 MΩ・μF
(Including temperature-rise on unit surface)
Rated voltage [DC]
Insulation resistance (IR)
Withstand voltage
Dissipation factor (tan δ)
Capacitance tolerance
Capacitance range
630 V
450 V
630 V
450 V
450 V
Code
R.voltage [DC]
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
ECWFE series
Features
Recommended applications
Explanation of part number
Code
Cap. Tol.
Lead form
K
±5
%
±10
%
2J
2W
450 V
630 V
J
R.voltage [DC]
450 V
630 V
Cap. Tol.
2J
2W
±10
%
±5
%
Q
P
Code
Code
630 V
0.1 μF to 2.2 μF
0.1 μF to 4.7 μF
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W F
E
1
2
3
4
5
6
7
8
9
10
11
12
E
C
W
F
E
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap. Tol.
Suffix


Similar Part No. - ECWFE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWFE PANASONIC-ECWFE Datasheet
2Mb / 14P
Plastic Film Capacitors Metallized Polypropylene Film Capacitor
31-May-19
ECWFE2J104 PANASONIC-ECWFE2J104 Datasheet
2Mb / 14P
Plastic Film Capacitors Metallized Polypropylene Film Capacitor
31-May-19
ECWFE2J104 PANASONIC-ECWFE2J104 Datasheet
2Mb / 18P
Plastic Film Capacitors
03-Apr-23
ECWFE2J104P PANASONIC-ECWFE2J104P Datasheet
2Mb / 14P
Plastic Film Capacitors Metallized Polypropylene Film Capacitor
31-May-19
ECWFE2J104P PANASONIC-ECWFE2J104P Datasheet
2Mb / 18P
Plastic Film Capacitors
03-Apr-23
More results

Similar Description - ECWFE

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
Plastic Film Capacitors
ECWH8103HA PANASONIC-ECWH8103HA Datasheet
204Kb / 2P
Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
Plastic Film Capacitors
logo
Nichicon corporation
QXK2E104KTPTZH NICHICON-QXK2E104KTPTZH Datasheet
51Kb / 1P
PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com