Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS Datasheet(PDF) 1 Page - AVX Corporation

Part # TPS
Description  Marking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 1 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
175
TAJ, TRJ, THJ, TAW, TPS, TPM, NOJ,
NOS, NOM, NPV, TAC, TPC, TCJ and TLJ
Marking
For TAJ, TPS & THJ, the positive end of body has videcon
readable polarity marking as shown in the diagram. Bodies
are marked by indelible laser marking on top surface with
capacitance value, voltage and LOT code. R and P case is
an exception due to small size in which only the voltage and
capacitance values are printed.
Voltage
Rated Voltage
Voltage
Rated Voltage
Code
at 85°C
Code
at 85°C
x1.8
C
16
e2.5
D
20
G4
E
25
J6.3
V
35
A
10T50
TAJ, TRJ, TPS, TPM – A,
B, C, D, E, F, K, H, S, T, V,
W, Y and X CASE:
XXXXX
227 A
AVX LOGO
Capacitance Value in pF
227 = 220μF
Rated Voltage Code
A = 10V
Lot Code
Polarity
Code
(Anode+)
TAJ – R and P CASE:
J
1 0 6
Capacitance Value in pF
106 = 10μF
Rated Voltage Code
J = 6.3V
Polarity
Code
(Anode+)
THJ – A, B, C, D, E CASE:
TAC, TPC –
ALL CASE SIZES
XXXXX
227 A
AVX LOGO
Capacitance Value in pF
227 = 220μF
Rated Voltage Code
A = 10V
Polarity
Code
(Anode+)
Lot Code
Polarity
Band
(Anode+)
TCJ – A, B, C, H, K,
T, W, Y CASE:
XXXXX
156 J
AVX LOGO
Polymer
Capacitance Value in pF
156 = 15μF
Rated Voltage
J = 6.3V
Lot Code
Polarity
Band
TCJ – P, R CASE:
AVX LOGO
Polymer
J
1 0 6
Capacitance Value in pF
106 = 10μF
Rated Voltage Code
J = 6.3V
Polarity
Band
TLJ – A, B, G, H, K,
S, T, W CASE:
XXXXX
10 7 J
AVX LOGO
Capacitance Value in pF
107 = 100μF
Rated Voltage
J = 6.3V
Polarity
Band
Lot Code
TLJ – J CASE:
Rated voltage and capacitance code
(for coding see table below)
Polarity
Band
IA
IA = 3.3μF/10V
Rated voltage and capacitance code
(for coding see table below)
Polarity
Band
= 1.0μF/10V
TLJ – N, P, R CASE:
Rated Voltage Code
J = 6.3V
J
1 0 6
Capacitance Value in pF
106 = 10μF
Polarity
Band
AVX LOGO
NOJ – P CASE:
Rated Voltage Code
J = 6.3V
J
475
Capacitance Value in pF
475 = 4.7μF
Polarity
Band
OxiCap
® LOGO
TAW – D CASE:
XXXXX
476 A
AVX LOGO
Fused
Capacitance Value in pF
476 = 47μF
Rated Voltage
A = 10V
Lot Code
Polarity
Band
F
NOJ, NOS, NOM, NPV –
A, B, C, D, E, S, T, V,
Y, Z CASE:
XXXXX
227 G
OxiCap® LOGO
Capacitance Value in pF
227 = 220μF
Rated Voltage
G = 4V
Lot Code
Polarity
Band
(Anode+)
Capacitance
Voltage
4V
6.3V
10V
16V
2.2
3.3
IA
4.7
IJ
6.8
IG
10
15
22
TAJ – J CASE:
Capacitance
Voltage
4V
6.3V
10V
1.0
1.5
2.2
3.3
4.7
6.8
10
A
G
J


Similar Part No. - TPS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Transko Electronics, In...
TPS TRANSKO-TPS Datasheet
411Kb / 1P
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
More results

Similar Description - TPS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
Laser Marking
KID65003AF KEC-KID65003AF Datasheet
39Kb / 1P
MARKING SPECIFICATION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
Marking Description
logo
KEC(Korea Electronics)
2N2904E KEC-2N2904E_08 Datasheet
32Kb / 1P
Laser Marking
2N2906E KEC-2N2906E_08 Datasheet
21Kb / 1P
Laser Marking
2N3904C KEC-2N3904C_00 Datasheet
30Kb / 1P
Laser Marking
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
KEC(Korea Electronics)
MBRD20U100CT KEC-MBRD20U100CT Datasheet
22Kb / 1P
Laser Marking or Ink Marking
logo
Lapp.
83257106 LAPP-83257106 Datasheet
611Kb / 7P
DYMO XTL™ MARKING KIT & MARKING TAPE
08.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com