Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6530 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6530
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6530 Datasheet HTML 8Page - Monolithic Power Systems MP6530 Datasheet HTML 9Page - Monolithic Power Systems MP6530 Datasheet HTML 10Page - Monolithic Power Systems MP6530 Datasheet HTML 11Page - Monolithic Power Systems MP6530 Datasheet HTML 12Page - Monolithic Power Systems MP6530 Datasheet HTML 13Page - Monolithic Power Systems MP6530 Datasheet HTML 14Page - Monolithic Power Systems MP6530 Datasheet HTML 15Page - Monolithic Power Systems MP6530 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
12
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
In the event of a short circuit, the MP6530
disables all of the gate drive outputs. nFAULT is
driven active low. The device will stay latched off
until it is reset by nSLEEP or VIN UVLO.
Short circuit protection can be disabled by
connection a 100kΩ resistor from VREG to the
OCREF pin.
Over-current Protection (OCP)
The MP6530 can implement output overcurrent
protection (OCP) by monitoring the current
through a low-side shunt resistor connected to
the
low-side
MOSFETs.
This
resistor
is
connected to the LSS input pin and the low-side
MOSFET source terminals. If the OCP function
is not desired, the LSS pin and MOSFET source
terminals should all be connected directly to
ground.
If the LSS voltage (the voltage across the shunt
resistor) exceeds the LSS OCP threshold voltage
VLSS-OCP, an OCP event is recognized. Once an
OCP event is detected, the MP6530 will enter a
latched fault state and disable all functions. The
device will stay latched off until it is reset by
nSLEEP or VIN UVLO.
The OCP current limit level is selected by the
value of the current sense resistor at LSS pin.
Refer to the applications information section for
more information.
OCP protection can be disabled by connection a
100kΩ resistor from VREG to the OCREF pin.
Short-circuit and OCP Deglitch Time
There is often a current spike during switching
transitions, due to body diode reverse-recovery
current or the distributed capacitance of the load.
This current spike requires filtering to prevent it
from erroneously triggering OCP. An internal
fixed deglitch time (tOC) blanks the output of the
VDS monitor when the outputs are switched.
Dead-Time Adjustment
To prevent shoot-through in any phase of the
bridge, it is necessary to have a dead time (tDEAD)
between a high- or low-side turn-off and the next
complementary turn-on event. The dead time for
all three phases is set by a single dead-time
resistor (RDT) between DT and ground with
Equation (1):
tDEAD(nS) = 3.7*R(kΩ)
(1)
If DT is tied to directly to ground, an internal
minimum dead time (30ns) will be applied.
Leaving DT open generates approximately a 6µs
dead time.
UVLO Protection
If at any time the voltage on VIN falls below the
undervoltage
lockout
threshold
VIN_RISE,
all
circuitry in the device is disabled and the internal
logic will be reset.
Operation
will
resume
with
the
power-up
sequence when VIN rises above the UVLO
thresholds.
After power-up, if the voltage on VREG drops
below the V
REG_RISE threshold, the MP6530 will
enter a latched fault state and disable all
functions. The nFAULT pin will be driven active
low.
The device will stay latched off until it is
reset by nSLEEP or VIN UVLO.
Thermal Shutdown
If the die temperature exceeds safe limits, the
MP6530 will enter a latched fault state and
disable all functions. The device will stay latched
off until it is reset by nSLEEP or VIN UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com