Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6530GF-Z Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6530GF-Z
Description  5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6530GF-Z Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6530GF-Z Datasheet HTML 1Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 2Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 3Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 4Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 5Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 6Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 7Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 8Page - Monolithic Power Systems MP6530GF-Z Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP6530–5V TO 60V, THREE-PHASE BLDC MOTOR PRE-DRIVER
MP6530 Rev. 1.13
www.MonolithicPower.com
3
8/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
1
VREG
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
MP6530
2
3
4
5
6
7
21
20
19
18
17
16
15
BSTA
SHA
GHA
GHC
GLC
LSS
PWMA
PWMB
PWMC
VIN
CPA
CPB
ENC
TOP VIEW
PWMB
GND
ENA
ENB
PWMC
LSS
CPB
SHB
BSTC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
MP6530
CPA
VREG
SHC
BSTB
SHA
BSTA
GHB
VIN
nSLEEP
ENC
DT
OCREF
nFAULT
PWMA
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
GLA
GLB
GHA
GHC
GLC
QFN-28 (4mm x 4mm)
TSSOP-28 EP
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage (VIN).......................... -0.3V to 65V
CPA ............................................... -0.3V to 60V
CPB ............................................ -0.3V to 12.5V
VREG ............................................ -0.3V to 13V
BSTA/B/C ...................................... -0.3V to 70V
GHA/B/C........................................ -0.3V to 70V
GHA/B/C (Transient, 2
μS) ................ -8V to 70V
SHA/B/C ........................................ -0.3V to 65V
SHA/B/C (Transient, 2
μS)................. -8V to 65V
GLA/B/C ........................................ -0.3V to 13V
LSS.................................................. -0.3V to 1V
All other pins to AGND.................. -0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
QFN-28 (4mm x 4mm)
……………………2.9W
TSSOP-28 EP ...........................................3.9W
Storage temperature................ -55
C to +150C
Junction temperature ............................. +150
C
Lead temperature (solder) ..................... +260
C
ESD (Human Body Model)……………….1500V
Recommended Operating Conditions
(3)
Input voltage (VIN) ............................ +5V to 60V
OCREF voltage (VOC) ................ 0.125V to 2.4V
Operating Junct. temp (TJ) ....... -40C to +125C
Thermal Resistance
(4)
θJA
θJC
QFN-28 (4mm x 4mm) ........... 42 ....... 9.... °C/W
TSSOP-28 EP ........................ 32 ....... 6.... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will produce an excessive die temperature,
causing the regulator to go into thermal shutdown. Internal
thermal
shutdown
circuitry
protects
the
device
from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com