Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL092CPSR Datasheet(PDF) 1 Page - Texas Instruments

Part # TL092CPSR
Description  DUAL JFET-INPUT OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL092CPSR Datasheet(HTML) 1 Page - Texas Instruments

  TL092CPSR Datasheet HTML 1Page - Texas Instruments TL092CPSR Datasheet HTML 2Page - Texas Instruments TL092CPSR Datasheet HTML 3Page - Texas Instruments TL092CPSR Datasheet HTML 4Page - Texas Instruments TL092CPSR Datasheet HTML 5Page - Texas Instruments TL092CPSR Datasheet HTML 6Page - Texas Instruments TL092CPSR Datasheet HTML 7Page - Texas Instruments TL092CPSR Datasheet HTML 8Page - Texas Instruments TL092CPSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL092
DUAL JFET INPUT OPERATIONAL AMPLIFIER
SLOS372 − JUNE 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Range of Supply Voltages; Single
Supply ...3 V to 36 V, or Dual Supplies
D Class AB Output Stage
D High-Impedance N-Channel-JFET Input
Stage ...1012
Ω Typ
D Internal Frequency Compensation
D Short-Circuit Protection
D Input Common Mode Includes VCC−
D Low Input Offset Current . . . 50 pA
D Low Input Bias Current . . . 200 pA Typ
description
The TL092 JFET-input operational amplifier is similar in performance to the MC3403 family, but with much
higher input impedance derived from a FET input stage. The N-channel-JFET input stage allows a
common-mode input voltage range that includes the negative supply voltage and offers a typical input
impedance of 1012
Ω, a typical input offset current of 50 pA, and a typical input bias current of 200 pA. This device
is designed to operate from a single supply over a range of 3 V to 36 V. Operation from split supplies also is
possible, provided the difference between the two supplies is 3 V to 36 V. Output voltage range is from VCC−
to VCC+ − 1.3 V, with a load resistor to VCC−.
The TL092 is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGED DEVICE
TA
PLASTIC
SMALL OUTLINE
(PS)
0
°C to 70°C
TL092CPSR
The PS package is only available taped and
reeled. Add the suffix R to device type for
ordering (e.g., TL092CPSR).
symbol
+
−
IN +
IN −
OUT
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
VCC−
VCC+
2OUT
2IN −
2IN +
PS PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL092CPSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL092CPSR TI-TL092CPSR Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092CPSR TI-TL092CPSR Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092CPSRE4 TI-TL092CPSRE4 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results

Similar Description - TL092CPSR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-215 AD-OP-215 Datasheet
393Kb / 8P
DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092 Datasheet
101Kb / 6P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215 AD-OP215 Datasheet
162Kb / 8P
Dual Precision JFET-Input Operational Amplifier
4/02-REV.A
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
JFET-INPUT DUAL OPERATIONAL AMPLIFIER
logo
Analog Devices
OP215GS AD-OP215GS Datasheet
145Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215_15 Datasheet
163Kb / 8P
Dual Precision JFET-Input Operational Amplifier
REV. A
logo
Texas Instruments
LF412C TI1-LF412C Datasheet
382Kb / 10P
Dual JFET-INPUT Operational Amplifier
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
Dual Precision JFET-Input Operational Amplifier
23-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com