Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL430CLPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TL430CLPR
Description  ADJUSTABLE SHUNT REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL430CLPR Datasheet(HTML) 4 Page - Texas Instruments

  TL430CLPR Datasheet HTML 1Page - Texas Instruments TL430CLPR Datasheet HTML 2Page - Texas Instruments TL430CLPR Datasheet HTML 3Page - Texas Instruments TL430CLPR Datasheet HTML 4Page - Texas Instruments TL430CLPR Datasheet HTML 5Page - Texas Instruments TL430CLPR Datasheet HTML 6Page - Texas Instruments TL430CLPR Datasheet HTML 7Page - Texas Instruments TL430CLPR Datasheet HTML 8Page - Texas Instruments TL430CLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050D − JUNE 1976 − REVISED JANUARY 2005
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2.2
1.8
1.6
1.4
2.6
2.8
f − Frequency − Hz
SMALL-SIGNAL REGULATOR IMPEDANCE
vs
FREQUENCY
3
2.4
2
80
40
20
0
01
2
120
140
V − Cathode Voltage − V
160
34
100
60
CATHODE CURRENT
vs
CATHODE VOLTAGE
10
102
103
105
104
106
VZ = VI(ref)
TA = 25°C
VZ = VI(ref)
TA = 25°C
IZM
IZ
IZK
Figure 3
Figure 4
APPLICATION INFORMATION
R1
R2
R
VI(ref)
VO
V+
V
O [
1
)
R1
R2
V
I(ref)
VO
V+
R1
R2
30
Ω
V
O [
1
)
R1
R2
V
I(ref)
4.7 k
Ω
Figure 5. Shunt Regulator
Figure 6. Series Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com