Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL33072AD Datasheet(PDF) 4 Page - Texas Instruments

Part # TL33072AD
Description  HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL33072AD Datasheet(HTML) 4 Page - Texas Instruments

  TL33072AD Datasheet HTML 1Page - Texas Instruments TL33072AD Datasheet HTML 2Page - Texas Instruments TL33072AD Datasheet HTML 3Page - Texas Instruments TL33072AD Datasheet HTML 4Page - Texas Instruments TL33072AD Datasheet HTML 5Page - Texas Instruments TL33072AD Datasheet HTML 6Page - Texas Instruments TL33072AD Datasheet HTML 7Page - Texas Instruments TL33072AD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A
HIGHSLEW RATE, SINGLESUPPLY OPERATIONAL AMPLIFIERS
SLOS097C − MARCH 1991 − REVISED AUGUST 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TL3x07xA
TL3x07x
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VCC = 5 V
25
°C
0.5
3
1.5
5
VIO
Input offset voltage
VCC = ± 15 V
25
°C
0.5
3
1.0
5
mV
VIO
Input offset voltage
VCC = ± 15 V
Full range
5
7
mV
αVIO
Temperature coefficient
of input offset voltage
VIC = 0,
V
= 0,
VCC = ± 15 V Full range
10
10
µV/°C
IIO
Input offset current
VIC = 0,
VO = 0,
RS = 50 Ω VCC = ±15 V
25
°C
7
100
7
100
nA
IIO
Input offset current
RS = 50 Ω VCC = ±15 V
Full range
250
250
nA
VCC = 5 V
25
°C
− 0.8
−2
− 0.8
−2
IIB
Input bias current
VCC = 5 V
Full range
− 2.3
− 2.3
A
IIB
Input bias current
VCC = ± 15 V
25
°C
− 0.7
− 1.5
− 0.7
− 1.5
µA
VCC = ± 15 V
Full range
− 1.8
− 1.8
VICR
Common-mode input
RS = 50 Ω
25
°C
− 15
to
13.2
− 15
to
13.2
V
VICR
Common-mode input
voltage range
RS = 50 Ω
Full range
− 15
to
12.8
− 15
to
12.8
V
VOH
High-level output voltage
VCC + = 5 V, VCC − = 0,
RL = 2 kΩ
25
°C
3.7
4
3.7
4
V
VOH
High-level output voltage
RL = 10 kΩ
25
°C
13.6
14
13.6
14
V
RL = 2 kΩ
Full range
13.4
13.4
VOL
Low-level output voltage
VCC + = 5 V, VCC − = 0,
RL = 2 kΩ
25
°C
0.1
0.3
0.1
0.3
V
VOL
Low-level output voltage
RL = 10 kΩ
25
°C
− 14.7
− 14.3
− 14.7
− 14.3
V
RL = 2 kΩ
Full range
− 13.5
− 13.5
AVD
Large-signal differential
VO = ± 10 V, RL = 2 kΩ
25
°C
50
100
25
100
V/mV
AVD
Large-signal differential
voltage amplification
VO = ± 10 V, RL = 2 kΩ
Full range
25
20
V/mV
IOS
Short-circuit output current
Source: VID = 1 V, VO = 0
25
°C
−10
−30
−10
−30
mA
IOS
Short-circuit output current
Sink: VID = − 1 V, VO = 0
25
°C
20
30
20
30
mA
CMRR
Common-mode
VIC = VICRmin,
25
°C
80
97
70
97
dB
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
RS = 50 Ω
25
°C
80
97
70
97
dB
kSVR
Supply-voltage rejection
VCC ± = ±13.5 V
25
°C
80
97
70
97
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC±/∆VIO)
VCC ± = ±13.5 V
to
±16.5 V,
RS = 100 Ω
25
°C
80
97
70
97
dB
VO = 0,
No Load
25
°C
3.5
4.5
3.5
4.5
ICC
Supply current
VO = 0,
No Load
Full range
4.7
4.7
mA
ICC
Supply current
(per channel)
VCC + = 5 V, VCC − = 0,
25
°C
3.4
4.4
3.4
4.4
mA
(per channel)
VO = 0,
No Load
Full range
4.6
4.6
† Full range is 0°C to 70°C for the TL3407x devices, and −40°C to 105°C for the TL3307x devices, and −55°C to 125°C for the TL3507x devices.
‡ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com